Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 275 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 275 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 271Page - Microchip Technology LAN9252/ML Datasheet HTML 272Page - Microchip Technology LAN9252/ML Datasheet HTML 273Page - Microchip Technology LAN9252/ML Datasheet HTML 274Page - Microchip Technology LAN9252/ML Datasheet HTML 275Page - Microchip Technology LAN9252/ML Datasheet HTML 276Page - Microchip Technology LAN9252/ML Datasheet HTML 277Page - Microchip Technology LAN9252/ML Datasheet HTML 278Page - Microchip Technology LAN9252/ML Datasheet HTML 279Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 275
LAN9252
12.14.60.5 SyncManager x Activate Register
Note:
Reading this register from PDI in all SyncManagers which have changed activation clears the “SyncMan-
ager x Activation Register Changed” bit in the AL Event Request Register.
Offset:
SyncManager x Base Address +6h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7
Latch Event PDI
0:
No
1:
Generate latch events if PDI issues a buffer exchange or if
PDI accesses buffer start address.
R/W
RO
0b
6
Latch Event ECAT
0:
No
1:
Generate latch event if EtherCAT master issues a buffer
exchange.
R/W
RO
0b
5:2
RESERVED
Write as 0.
RO
RO
0000b
1
Repeat Request
A toggle of Repeat Request indicates that a mailbox retry is
needed (primarily used in conjunction with ECAT Read Mailbox)
R/W
RO
0b
0
SyncManager Enable/Disable
0:
Disable: Access to memory without SyncManager control
1:
Enable: SyncManager is active and controls memory area set
in configuration.
R/W
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com