Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 294 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 294 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 290Page - Microchip Technology LAN9252/ML Datasheet HTML 291Page - Microchip Technology LAN9252/ML Datasheet HTML 292Page - Microchip Technology LAN9252/ML Datasheet HTML 293Page - Microchip Technology LAN9252/ML Datasheet HTML 294Page - Microchip Technology LAN9252/ML Datasheet HTML 295Page - Microchip Technology LAN9252/ML Datasheet HTML 296Page - Microchip Technology LAN9252/ML Datasheet HTML 297Page - Microchip Technology LAN9252/ML Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 329 page
background image
LAN9252
DS00001909A-page 294
 2015 Microchip Technology Inc.
12.14.100 DIGITAL I/O INPUT DATA REGISTER
Note:
This register is part of the Process RAM address space. The Process RAM is also directly addressable via
the EtherCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_DATA) and EtherCAT Process RAM Write
Data FIFO (ECAT_PRAM_WR_DATA).
Note:
Process Data RAM is only accessible if EEPROM was correctly loaded (PDI Operational/EEPROM Loaded
Correctly bit of ESC DL Status Register = 1)
Note:
Digital I/O Input Data is written into the Process Data RAM at these addresses if a Digital I/O PDI with inputs
is configured.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.101 PROCESS DATA RAM
Note:
Process Data RAM is only accessible if EEPROM was correctly loaded (PDI Operational/EEPROM Loaded
Correctly bit of ESC DL Status Register = 1)
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
Offset:
1000h-1001h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Input Data
R/W
R/W
Undefined
Offset:
1000h-1FFFh
Size:
4 KBytes
Bits
Description
ECAT
Type
PDI
Type
Default
-
Process Data RAM (4 KBytes)
R/W
R/W
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com