Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 298 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 298 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 294Page - Microchip Technology LAN9252/ML Datasheet HTML 295Page - Microchip Technology LAN9252/ML Datasheet HTML 296Page - Microchip Technology LAN9252/ML Datasheet HTML 297Page - Microchip Technology LAN9252/ML Datasheet HTML 298Page - Microchip Technology LAN9252/ML Datasheet HTML 299Page - Microchip Technology LAN9252/ML Datasheet HTML 300Page - Microchip Technology LAN9252/ML Datasheet HTML 301Page - Microchip Technology LAN9252/ML Datasheet HTML 302Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 329 page
background image
LAN9252
DS00001909A-page 298
 2015 Microchip Technology Inc.
15.3.1
GENERAL PURPOSE TIMER CONFIGURATION REGISTER (GPT_CFG)
This read/write register configures the device’s General Purpose Timer (GPT). The GPT can be configured to generate
host interrupts at the interval defined in this register. The current value of the GPT can be monitored via the General
Purpose Timer Count Register (GPT_CNT). Refer to Section 15.1, "General Purpose Timer," on page 297 for additional
information.
Offset:
08Ch
Size:
32 bits
Bits
Description
Type
Default
31:30
RESERVED
RO
-
29
General Purpose Timer Enable (TIMER_EN)
This bit enables the GPT. When set, the GPT enters the run state. When
cleared, the GPT is halted. On the 1 to 0 transition of this bit, the GPT_LOAD
field of this register will be preset to FFFFh.
0: GPT Disabled
1: GPT Enabled
R/W
0b
28:16
RESERVED
RO
-
15:0
General Purpose Timer Pre-Load (GPT_LOAD)
This value is pre-loaded into the GPT. This is the starting value of the GPT.
The timer will begin decrementing from this value when enabled.
R/W
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com