Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 317 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 317 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 313Page - Microchip Technology LAN9252/ML Datasheet HTML 314Page - Microchip Technology LAN9252/ML Datasheet HTML 315Page - Microchip Technology LAN9252/ML Datasheet HTML 316Page - Microchip Technology LAN9252/ML Datasheet HTML 317Page - Microchip Technology LAN9252/ML Datasheet HTML 318Page - Microchip Technology LAN9252/ML Datasheet HTML 319Page - Microchip Technology LAN9252/ML Datasheet HTML 320Page - Microchip Technology LAN9252/ML Datasheet HTML 321Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 317
LAN9252
18.6.3
RESET AND CONFIGURATION STRAP TIMING
This diagram illustrates the RST# pin timing requirements and its relation to the configuration strap pins and output
drive. Assertion of RST# is not a requirement. However, if used, it must be asserted for the minimum period specified.
The RST# pin can be asserted at any time, but must not be deasserted until tpurstd after all external power supplies have
reached operational levels. Refer to Section 6.2, "Resets," on page 38 for additional information.
Note:
The clock input must be stable prior to RST# deassertion.
Note:
Device configuration straps are latched as a result of RST# assertion. Refer to Section 6.2.1, "Chip-Level
Resets," on page 39 for details.
Note:
Configuration strap latching and output drive timings shown assume that the Power-On reset has finished
first otherwise the timings in Section 18.6.4, "Power-On and Configuration Strap Timing" apply.
FIGURE 18-4:
RST# PIN CONFIGURATION STRAP LATCHING TIMING
TABLE 18-10: RST# PIN CONFIGURATION STRAP LATCHING TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tpurstd
External power supplies at operational level to RST# deasser-
tion
25
ms
trstia
RST# input assertion time
200
-
-
s
tcss
Configuration strap pins setup to RST# deassertion
200
-
-
ns
tcsh
Configuration strap pins hold after RST# deassertion
10
-
-
ns
todad
Output drive after deassertion
3
-
-
us
tcss
RST#
Configuration
Strap Pins
trstia
tcsh
Output Drive
todad

All External
Power Supplies
tpurstd
Vopp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com