Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 313 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 313 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 309Page - Microchip Technology LAN9252/ML Datasheet HTML 310Page - Microchip Technology LAN9252/ML Datasheet HTML 311Page - Microchip Technology LAN9252/ML Datasheet HTML 312Page - Microchip Technology LAN9252/ML Datasheet HTML 313Page - Microchip Technology LAN9252/ML Datasheet HTML 314Page - Microchip Technology LAN9252/ML Datasheet HTML 315Page - Microchip Technology LAN9252/ML Datasheet HTML 316Page - Microchip Technology LAN9252/ML Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 313
LAN9252
TABLE 18-7:
VARIABLE I/O DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
1.8 V
Typ
3.3 V
Typ
Max
Units
Notes
VIS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDDIO)
Input Capacitance
Pull-Up Impedance
(VIN = VSS)
Pull-Up Current
(VIN = VSS)
Pull-Down Impedance
(VIN = VDD33)
Pull-Down Current
(VIN = VDD33)
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
RDPU
IDPU
RDPD
IDPD
-0.3
0.64
0.81
102
-10
54
20
54
19
0.83
0.99
158
68
27
68
26
1.41
1.65
138
82
67
85
66
3.6
1.76
1.90
288
10
2
V
V
V
V
mV
µA
pF
KΩ
µA
KΩ
µA
Schmitt trigger
Schmitt trigger
Note 23
VO8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDDIO - 0.4
0.4
V
V
IOL = 8 mA
IOH = -8 mA
VOD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8 mA
VO12 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDDIO - 0.4
0.4
V
V
IOL = 12 mA
IOH = -12 mA
VOD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA
VOS12 Type Buffers
High Output Level
VOH
VDDIO - 0.4
V
IOH = -12 mA
VO16 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDDIO - 0.4
0.4
V
V
IOL = 16 mA
IOH = -16 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com