Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 310 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 310 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 306Page - Microchip Technology LAN9252/ML Datasheet HTML 307Page - Microchip Technology LAN9252/ML Datasheet HTML 308Page - Microchip Technology LAN9252/ML Datasheet HTML 309Page - Microchip Technology LAN9252/ML Datasheet HTML 310Page - Microchip Technology LAN9252/ML Datasheet HTML 311Page - Microchip Technology LAN9252/ML Datasheet HTML 312Page - Microchip Technology LAN9252/ML Datasheet HTML 313Page - Microchip Technology LAN9252/ML Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 329 page
background image
LAN9252
DS00001909A-page 310
 2015 Microchip Technology Inc.
18.4.2
INTERNAL REGULATOR ENABLED
Note 12:
VDD33TXRX1, VDD33TXRX2, VDD33BIAS, VDD33, VDDIO
Note 13:
VDD12TX1 and VDD12TX2, are driven by the internal regulator via the PCB. The current is accounted for
via VDD33.
Note 14:
Current measurements do not include power applied to the magnetics or the optional external LEDs.
Note 15:
The Ethernet component current is independent of the supply rail voltage (2.5V or 3.3V) of the transformer.
Two copper TP operation is assumed. Current is half if one PHY is using 100BASE-FX mode. Current is
zero if both PHYs are using 100BASE-FX mode.
Note 16:
This includes the power dissipated by the transmitter by way of the current through the transformer.
Note 17:
3.3*(A) + (2.5)*(C) @ Typ
Note 18:
3.3*(A) + (3.3)*(C) @ Typ
TABLE 18-5:
CURRENT CONSUMPTION AND POWER DISSIPATION (REGS. ENABLED)
3.3 V
Device
Current
(mA)
(A)
Note 12,
Note 13,
Note 14
TX
Magnetics
Current
(mA)
(C)
Note 15
Device
Power
with 2.5 V
Magnetics
(mW)
Note 16,
Note 17
Device
Power
with 3.3 V
Magnetics
(mW)
Note 16,
Note 18
Reset (RST#)
Typ.
51.2
0.0
169
169
D0, 100BASE-TX
with Traffic
Typ.
112.0
82.0
576
642
D0, 100BASE-TX
Idle
Typ.
113.5
82.0
580
646
D0, PHY Energy Detect
Power Down (both PHYs)
Typ.
39.7
0.0
132
132
D0, PHY General
Power Down (both PHYs)
Typ.
33.0
0.0
109
109
D1, 100BASE-TX
Idle
Typ.
100.5
82.0
537
603
D1, PHY Energy Detect
Power Down (both PHYs)
Typ.
26.0
0.0
86
86
D1, PHY General
Power Down (both PHYs)
Typ.
19.4
0.0
65
65
D2, 100BASE-TX
Idle
Typ.
100.5
82.0
537
603
D2, PHY Energy Detect
Power Down (both PHYs)
Typ.
14.8
0.0
49
49
D2, PHY General
Power Down (both PHYs)
Typ.
7.8
0.0
26
26
D3, PHY General
Power Down (both PHYs)
Typ.
4.3
0.0
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com