Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 309 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 309 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 305Page - Microchip Technology LAN9252/ML Datasheet HTML 306Page - Microchip Technology LAN9252/ML Datasheet HTML 307Page - Microchip Technology LAN9252/ML Datasheet HTML 308Page - Microchip Technology LAN9252/ML Datasheet HTML 309Page - Microchip Technology LAN9252/ML Datasheet HTML 310Page - Microchip Technology LAN9252/ML Datasheet HTML 311Page - Microchip Technology LAN9252/ML Datasheet HTML 312Page - Microchip Technology LAN9252/ML Datasheet HTML 313Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 309
LAN9252
18.4
Current Consumption and Power Consumption
This section details the device’s typical supply current consumption and power dissipation for 100BASE-TX and power
management modes of operation with the internal regulator enabled and disabled.
18.4.1
INTERNAL REGULATOR DISABLED
Note 5:
VDD33TXRX1, VDD33TXRX2, VDD33BIAS, VDD33, VDDIO
Note 6:
VDD12TX1, VDD12TX2, OSCVDD12, VDDCR
Note 7:
Current measurements do not include power applied to the magnetics or the optional external LEDs.
Note 8:
The Ethernet component current is independent of the supply rail voltage (2.5V or 3.3V) of the transformer.
Two copper TP operation is assumed. Current is half if one PHY is using 100BASE-FX mode. Current is
zero if both PHYs are using 100BASE-FX mode.
Note 9:
This includes the power dissipated by the transmitter by way of the current through the transformer.
Note 10:
3.3*(A) + 1.2*(B) + (2.5)*(C) @ Typ
Note 11:
3.3*(A) + 1.2*(B) + (3.3)*(C) @ Typ
TABLE 18-4:
CURRENT CONSUMPTION AND POWER DISSIPATION (REGS. DISABLED)
3.3 V
Device
Current
(mA)
(A)
Note 5,
Note 7
1.2 V
Device
Current
(mA)
(B)
Note 6,
Note 7
TX
Magnetics
Current
(mA)
(C)
Note 8
Device
Power
with 2.5 V
Magnetics
(mW)
Note 9,
Note 10
Device
Power
with 3.3 V
Magnetics
(mW)
Note 9,
Note 11
Reset (RST#)
Typ.
23.6
28.3
0.0
112
112
D0, 100BASE-TX
with Traffic
Typ.
58.7
51.0
82.0
461
526
D0, 100BASE-TX
Idle
Typ.
63.4
49.9
82.0
475
540
D0, PHY Energy Detect
Power Down (both PHYs)
Typ.
7.9
30.8
0.0
64
63
D0, PHY General
Power Down (both PHYs)
Typ.
1.5
30.6
0.0
42
42
D1, 100BASE-TX
Idle
Typ.
63.4
37.5
82.0
460
525
D1, PHY Energy Detect
Power Down (both PHYs)
Typ.
7.8
17.6
0.0
47
47
D1, PHY General
Power Down (both PHYs)
Typ.
1.5
17.7
0.0
27
27
D2, 100BASE-TX
Idle
Typ.
63.4
37.5
82.0
460
525
D2, PHY Energy Detect
Power Down (both PHYs)
Typ.
7.8
6.3
0.0
34
34
D2, PHY General
Power Down (both PHYs)
Typ.
1.5
6.1
0.0
13
13
D3, PHY General
Power Down (both PHYs)
Typ.
1.5
2.7
0.0
9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com