Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 120 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 120 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 116Page - Microchip Technology LAN9252/ML Datasheet HTML 117Page - Microchip Technology LAN9252/ML Datasheet HTML 118Page - Microchip Technology LAN9252/ML Datasheet HTML 119Page - Microchip Technology LAN9252/ML Datasheet HTML 120Page - Microchip Technology LAN9252/ML Datasheet HTML 121Page - Microchip Technology LAN9252/ML Datasheet HTML 122Page - Microchip Technology LAN9252/ML Datasheet HTML 123Page - Microchip Technology LAN9252/ML Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 329 page
background image
LAN9252
DS00001909A-page 120
 2015 Microchip Technology Inc.
11.0
ETHERNET PHYS
11.1
Functional Overview
The device contains PHYs A and B.
The A and B PHYs are identical in functionality. PHY A connects to the EtherCAT Core port 0 or 2. PHY B connects to
EtherCAT core port 1. These PHYs interface with their respective MAC via an internal MII interface.
The PHYs comply with the IEEE 802.3 Physical Layer for Twisted Pair Ethernet and can be configured for full duplex
100 Mbps (100BASE-TX / 100BASE-FX) Ethernet operation. All PHY registers follow the IEEE 802.3 (clause 22.2.4)
specified MII management register set and are fully configurable.
11.1.1
PHY ADDRESSING
The address for PHY A is set to 0 or 2, based on the device mode, and the address for PHY B is fixed to 1.
In addition, the addresses for PHY A and B can be changed via the PHY Address (PHYADD) field in the PHY x Special
Modes Register (PHY_SPECIAL_MODES_x). For proper operation, the addresses for PHYs A and B must be unique.
No check is performed to assure each PHY is set to a different address.
11.2
PHYs A & B
The device integrates two IEEE 802.3 PHY functions. The PHYs can be configured for either 100 Mbps copper
(100BASE-TX) or 100 Mbps fiber (100BASE-FX) Ethernet operation and include Auto-Negotiation and HP Auto-MDIX.
11.2.1
FUNCTIONAL DESCRIPTION
Functionally, each PHY can be divided into the following sections:
• 100BASE-TX Transmit and 100BASE-TX Receive
• Auto-Negotiation
• HP Auto-MDIX
• PHY Management Control and PHY Interrupts
• PHY Power-Down Modes
• Wake on LAN (WoL)
• Resets
• Link Integrity Test
• Cable Diagnostics
• Loopback Operation
• 100BASE-FX Far End Fault Indication
Note:
Because PHYs A and B are functionally identical, this section will describe them as the “PHY x”, or simply
“PHY”. Wherever a lowercase “x” has been appended to a port or signal name, it can be replaced with “A”
or “B” to indicate the PHY A or PHY B respectively. In some instances, a “1” or a “2” may be appropriate
instead. All references to “PHY” in this section can be used interchangeably for both the PHYs A and B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com