Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 121 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 121 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 117Page - Microchip Technology LAN9252/ML Datasheet HTML 118Page - Microchip Technology LAN9252/ML Datasheet HTML 119Page - Microchip Technology LAN9252/ML Datasheet HTML 120Page - Microchip Technology LAN9252/ML Datasheet HTML 121Page - Microchip Technology LAN9252/ML Datasheet HTML 122Page - Microchip Technology LAN9252/ML Datasheet HTML 123Page - Microchip Technology LAN9252/ML Datasheet HTML 124Page - Microchip Technology LAN9252/ML Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 121
LAN9252
A block diagram of the main components of each PHY can be seen in Figure 11-1.
11.2.2
100BASE-TX TRANSMIT
The 100BASE-TX transmit data path is shown in Figure 11-2. Shaded blocks are those which are internal to the PHY.
Each major block is explained in the following sections.
11.2.2.1
100BASE-TX Transmit Data Across the Internal MII Interface
For a transmission, the EtherCAT Core MAC drives the transmit data onto the internal MII TXD bus and asserts the inter-
nal MII TXEN to indicate valid data. The data is in the form of 4-bit wide 25 MHz data.
FIGURE 11-1:
PHY BLOCK DIAGRAM
FIGURE 11-2:
100BASE-TX TRANSMIT DATA PATH
HP Auto-MDIX
TXPx/TXNx
RXPx/RXNx
To External
Port x Ethernet Pins
100
Transmitter
100
Reciever
MII
MAC
Interface
MII
MDIO
Auto-
Negotiation
To Port x
EtherCAT MAC
To EtherCAT
core
PLL
PHY Management
Control
Registers
From
System Clocks Controller
Interrupts
To System
Interrupt Controller
Port x
MAC
100M
TX Driver
MLT-3
Converter
NRZI
Converter
4B/5B
Encoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25 MHz by 4 bits
Internal
MII Transmit Clock
25MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
MLT-3
Scrambler
and PISO
125 Mbps Serial
MII MAC
Interface
25MHz
by 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com