Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 127 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 127 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 123Page - Microchip Technology LAN9252/ML Datasheet HTML 124Page - Microchip Technology LAN9252/ML Datasheet HTML 125Page - Microchip Technology LAN9252/ML Datasheet HTML 126Page - Microchip Technology LAN9252/ML Datasheet HTML 127Page - Microchip Technology LAN9252/ML Datasheet HTML 128Page - Microchip Technology LAN9252/ML Datasheet HTML 129Page - Microchip Technology LAN9252/ML Datasheet HTML 130Page - Microchip Technology LAN9252/ML Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 127
LAN9252
11.2.4.1
Parallel Detection
If the device is connected to a device lacking the ability to Auto-Negotiate (i.e. no FLPs are detected), it is able to deter-
mine the speed of the link based on either 100M MLT-3 symbols or 10M Normal Link Pulses. In this case the link is
presumed to be half-duplex per the IEEE 802.3 standard. This ability is known as “Parallel Detection.” This feature
ensures interoperability with legacy link partners. If a link is formed via parallel detection, then the Link Partner Auto-
Negotiation Able bit of the PHY x Auto-Negotiation Expansion Register (PHY_AN_EXP_x) is cleared to indicate that the
link partner is not capable of Auto-Negotiation. If a fault occurs during parallel detection, the Parallel Detection Fault bit
of the PHY x Auto-Negotiation Expansion Register (PHY_AN_EXP_x) is set.
The PHY x Auto-Negotiation Link Partner Base Page Ability Register (PHY_AN_LP_BASE_ABILITY_x) is used to store
the Link Partner Ability information, which is coded in the received FLPs. If the link partner is not Auto-Negotiation capa-
ble, then this register is updated after completion of parallel detection to reflect the speed capability of the link partner.
11.2.4.2
Restarting Auto-Negotiation
Auto-Negotiation can be re-started at any time by setting the Restart Auto-Negotiation (PHY_RST_AN) bit of the PHY
x Basic Control Register (PHY_BASIC_CONTROL_x). Auto-Negotiation will also re-start if the link is broken at any time.
A broken link is caused by signal loss. This may occur because of a cable break, or because of an interruption in the
signal transmitted by the Link Partner. Auto-Negotiation resumes in an attempt to determine the new link configuration.
If the management entity re-starts Auto-Negotiation by setting the Restart Auto-Negotiation (PHY_RST_AN) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x), the device will respond by stopping all transmission/receiv-
ing operations. Once the internal break_link_time is completed in the Auto-Negotiation state-machine (approximately
1200ms), Auto-Negotiation will re-start. In this case, the link partner will have also dropped the link due to lack of a
received signal, so it too will resume Auto-Negotiation.
11.2.4.3
Disabling Auto-Negotiation
Auto-Negotiation can be disabled by clearing the Auto-Negotiation Enable (PHY_AN) bit of the PHY x Basic Control
Register (PHY_BASIC_CONTROL_x). The transceiver will then force its speed of operation to reflect the information in
the PHY x Basic Control Register (PHY_BASIC_CONTROL_x) (Speed Select LSB (PHY_SPEED_SEL_LSB) and
Duplex Mode (PHY_DUPLEX)). These bits are ignored when Auto-Negotiation is enabled.
11.2.4.4
Half Vs. Full-Duplex
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect) protocol to handle net-
work traffic and collisions. In this mode, the carrier sense signal, CRS, responds to both transmit and receive activity. If
data is received while the transceiver is transmitting, a collision results.
In full-duplex mode, the transceiver is able to transmit and receive data simultaneously. In this mode, CRS responds
only to receive activity. The CSMA/CD protocol does not apply and collision detection is disabled.
11.2.5
HP AUTO-MDIX
HP Auto-MDIX facilitates the use of CAT-3 (10 BASE-T) or CAT-5 (100 BASE-T) media UTP interconnect cable without
consideration of interface wiring scheme. If a user plugs in either a direct connect LAN cable or a cross-over patch cable,
as shown in Figure 11-4, the transceiver is capable of configuring the TXPx/TXNx and RXPx/RXNx twisted pair pins for
correct transceiver operation.
The internal logic of the device detects the TX and RX pins of the connecting device. Since the RX and TX line pairs
are interchangeable, special PCB design considerations are needed to accommodate the symmetrical magnetics and
termination of an Auto-MDIX design.
Software based control of the Auto-MDIX function may be performed using the Auto-MDIX Control (AMDIXCTRL) bit of
the PHY x Special Control/Status Indication Register (PHY_SPECIAL_CONTROL_STAT_IND_x). When AMDIXCTRL
is set to 1, the Auto-MDIX capability is determined by the Auto-MDIX Enable (AMDIXEN) and Auto-MDIX State (AMDIX-
STATE) bits of the PHY x Special Control/Status Indication Register (PHY_SPECIAL_CONTROL_STAT_IND_x).
Note:
Auto-MDIX is not used for 100BASE-FX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com