Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 129 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 129 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 125Page - Microchip Technology LAN9252/ML Datasheet HTML 126Page - Microchip Technology LAN9252/ML Datasheet HTML 127Page - Microchip Technology LAN9252/ML Datasheet HTML 128Page - Microchip Technology LAN9252/ML Datasheet HTML 129Page - Microchip Technology LAN9252/ML Datasheet HTML 130Page - Microchip Technology LAN9252/ML Datasheet HTML 131Page - Microchip Technology LAN9252/ML Datasheet HTML 132Page - Microchip Technology LAN9252/ML Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 129
LAN9252
11.2.7.1
Primary Interrupt Mode
The Primary interrupt mode is the default interrupt mode. The Primary interrupt mode is always selected after power-up
or hard reset. In this mode, to enable an interrupt, set the corresponding mask bit in the PHY x Interrupt Mask Register
(PHY_INTERRUPT_MASK_x) (see Table 11-2). When the event to assert an interrupt is true, the internal interrupt sig-
nal will be asserted. When the corresponding event to de-assert the interrupt is true, the internal interrupt signal will be
de-asserted.
Note 1:
LINKSTAT is the internal link status and is not directly available in any register bit.
Note 2:
WOL_INT is defined as bits 7:4 in the PHY x Wakeup Control and Status Register (PHY_WUCSR_x) ANDed
with bits 3:0 of the same register, with the resultant 4 bits OR’ed together.
TABLE 11-2:
INTERRUPT MANAGEMENT TABLE
Mask
Interrupt Source Flag
Interrupt Source
Event to Assert
interrupt
Event to
De-assert interrupt
30.9
29.9
Link Up
LINKSTAT
See Note 1
Link Status
Rising LINK-
STAT
Falling LINKSAT or
Reading register 29
30.8
29.8
Wake on LAN
WOL_INT
See Note 2
Enabled
WOL event
Rising WOL_INT
Falling WOL_INT or
Reading register 29
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
(Note 3)
Falling 17.1 or
Reading register 29
30.6
29.6
Auto-Negotia-
tion complete
1.5
Auto-Negoti-
ate Com-
plete
Rising 1.5
Falling 1.5 or
Reading register 29
30.5
29.5
Remote Fault
Detected
1.4
Remote
Fault
Rising 1.4
Falling 1.4, or
Reading register 1 or
Reading register 29
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
Reading register 1 or
Reading register 29
30.3
29.3
Auto-Negotia-
tion LP Acknowl-
edge
5.14
Acknowl-
edge
Rising 5.14
Falling 5.14 or
Reading register 29
30.2
29.2
Parallel Detec-
tion Fault
6.4
Parallel
Detection
Fault
Rising 6.4
Falling 6.4 or
Reading register 6, or
Reading register 29, or
Re-Auto Negotiate or
Link down
30.1
29.1
Auto-Negotia-
tion Page
Received
6.1
Page
Received
Rising 6.1
Falling 6.1 or
Reading register 6, or
Reading register 29, or
Re-Auto Negotiate, or
Link down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com