Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 133 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 133 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 129Page - Microchip Technology LAN9252/ML Datasheet HTML 130Page - Microchip Technology LAN9252/ML Datasheet HTML 131Page - Microchip Technology LAN9252/ML Datasheet HTML 132Page - Microchip Technology LAN9252/ML Datasheet HTML 133Page - Microchip Technology LAN9252/ML Datasheet HTML 134Page - Microchip Technology LAN9252/ML Datasheet HTML 135Page - Microchip Technology LAN9252/ML Datasheet HTML 136Page - Microchip Technology LAN9252/ML Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 133
LAN9252
B Register (PHY_RX_ADDRB_x), and PHY x MAC Receive Address C Register (PHY_RX_ADDRC_x)) without any
breaks or interruptions. In case of a break in the 16 address repetitions, the logic scans for the 48’h
FF_FF_FF_FF_FF_FF pattern again in the incoming frame. The 16 repetitions may be anywhere in the frame but must
be preceded by the synchronization stream. The frame must also pass the FCS check and packet length checking.
As an example, if the desired address is 00h 11h 22h 33h 44h 55h, then the logic scans for the following data sequence
in an Ethernet frame:
Destination Address Source Address ……………FF FF FF FF FF FF
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
…FCS
As an example, the Host system must perform the following steps to enable the device to detect a Magic Packet WoL
event:
Set the desired MAC address to cause the wake event in the PHY x MAC Receive Address A Register (PHY_RX_AD-
DRA_x), PHY x MAC Receive Address B Register (PHY_RX_ADDRB_x), and PHY x MAC Receive Address C Register
(PHY_RX_ADDRC_x).
Set the Magic Packet Enable (MPEN) bit of the PHY x Wakeup Control and Status Register (PHY_WUCSR_x) to enable
Magic Packet detection.
Set bit 8 (WoL event indicator) in the PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x) to enable WoL
events.
When a match is triggered, bit 8 of the PHY x Interrupt Source Flags Register (PHY_INTERRUPT_SOURCE_x) will be
set, and the Magic Packet Received (MPR) bit of the PHY x Wakeup Control and Status Register (PHY_WUCSR_x) will
be set.
11.2.9.4
Wakeup Frame Detection
When enabled, the Wakeup Frame detection mode allows the detection of a pre-programmed Wakeup Frame. Wakeup
Frame detection provides a way for system designers to detect a customized pattern within a packet via a programma-
ble wake-up frame filter. The filter has a 128-bit byte mask that indicates which bytes of the frame should be compared
by the detection logic. A CRC-16 is calculated over these bytes. The result is then compared with the filter’s respective
CRC-16 to determine if a match exists. When a wake-up pattern is received, the Remote Wakeup Frame Received
(WUFR) bit of the PHY x Wakeup Control and Status Register (PHY_WUCSR_x) is set.
If enabled, the filter can also include a comparison between the frame’s destination address and the address specified
in the PHY x MAC Receive Address A Register (PHY_RX_ADDRA_x), PHY x MAC Receive Address B Register
(PHY_RX_ADDRB_x), and PHY x MAC Receive Address C Register (PHY_RX_ADDRC_x). The specified address can
be a unicast or a multicast. If address matching is enabled, only the programmed unicast or multicast address will be
considered a match. Non-specific multicast addresses and the broadcast address can be separately enabled. The
address matching results are logically OR’d (i.e., specific address match result OR any multicast result OR broadcast
result).
Whether or not the filter is enabled and whether the destination address is checked is determined by configuring the
PHY x Wakeup Filter Configuration Register A (PHY_WUF_CFGA_x). Before enabling the filter, the application program
must provide the detection logic with the sample frame and corresponding byte mask. This information is provided by
writing the PHY x Wakeup Filter Configuration Register A (PHY_WUF_CFGA_x), PHY x Wakeup Filter Configuration
Register B (PHY_WUF_CFGB_x), and PHY x Wakeup Filter Byte Mask Registers (PHY_WUF_MASK_x). The starting
offset within the frame and the expected CRC-16 for the filter is determined by the Filter Pattern Offset and Filter CRC-
16 fields, respectively.
If remote wakeup mode is enabled, the remote wakeup function checks each frame against the filter and recognizes the
frame as a remote wakeup frame if it passes the filter’s address filtering and CRC value match.
The pattern offset defines the location of the first byte that should be checked in the frame. The byte mask is a 128-bit
field that specifies whether or not each of the 128 contiguous bytes within the frame, beginning with the pattern offset,
should be checked. If bit j in the byte mask is set, the detection logic checks the byte (pattern offset + j) in the frame,
otherwise byte (pattern offset + j) is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com