Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 136 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 136 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 132Page - Microchip Technology LAN9252/ML Datasheet HTML 133Page - Microchip Technology LAN9252/ML Datasheet HTML 134Page - Microchip Technology LAN9252/ML Datasheet HTML 135Page - Microchip Technology LAN9252/ML Datasheet HTML 136Page - Microchip Technology LAN9252/ML Datasheet HTML 137Page - Microchip Technology LAN9252/ML Datasheet HTML 138Page - Microchip Technology LAN9252/ML Datasheet HTML 139Page - Microchip Technology LAN9252/ML Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 329 page
background image
LAN9252
DS00001909A-page 136
 2015 Microchip Technology Inc.
11.2.10.3
PHY Power-Down Reset
After the PHY has returned from a power-down state, a reset of the PHY is automatically generated. The PHY power-
down modes do not reload or reset the PHY registers. Refer to Section 11.2.8, "PHY Power-Down Modes," on page 131
for additional information.
11.2.11
LINK INTEGRITY TEST
The device performs the link integrity test as outlined in the IEEE 802.3u (clause 24-15) Link Monitor state diagram. The
link status is multiplexed with the 10 Mbps link status to form the Link Status bit in the PHY x Basic Status Register
(PHY_BASIC_STATUS_x) and to drive the LINK LED functions.
The DSP indicates a valid MLT-3 waveform present on the RXPx and RXNx signals as defined by the ANSI X3.263 TP-
PMD standard, to the Link Monitor state-machine, using the internal DATA_VALID signal. When DATA_VALID is
asserted, the control logic moves into a Link-Ready state and waits for an enable from the auto-negotiation block. When
received, the Link-Up state is entered, and the Transmit and Receive logic blocks become active. Should auto-negoti-
ation be disabled, the link integrity logic moves immediately to the Link-Up state when the DATA_VALID is asserted.
To allow the line to stabilize, the link integrity logic will wait a minimum of 330 ms from the time DATA_VALID is asserted
until the Link-Ready state is entered. Should the DATA_VALID input be negated at any time, this logic will immediately
negate the Link signal and enter the Link-Down state.
11.2.12
CABLE DIAGNOSTICS
The PHYs provide cable diagnostics which allow for open/short and length detection of the Ethernet cable. The cable
diagnostics consist of two primary modes of operation:
• Time Domain Reflectometry (TDR) Cable Diagnostics
TDR cable diagnostics enable the detection of open or shorted cabling on the TX or RX pair, as well as cable
length estimation to the open/short fault.
• Matched Cable Diagnostics
Matched cable diagnostics enable cable length estimation on 100 Mbps-linked cables.
Refer to the following sub-sections for details on proper operation of each cable diagnostics mode.
11.2.12.1
Time Domain Reflectometry (TDR) Cable Diagnostics
The PHYs provide TDR cable diagnostics which enable the detection of open or shorted cabling on the TX or RX pair,
as well as cable length estimation to the open/short fault. To utilize the TDR cable diagnostics, Auto-MDIX and Auto
Negotiation must be disabled, and the PHY must be forced to 100 Mbps full-duplex mode. These actions must be per-
formed before setting the TDR Enable bit in the PHY x TDR Control/Status Register (PHY_TDR_CONTROL_STAT_x).
With Auto-MDIX disabled, the TDR will test the TX or RX pair selected by register bit 27.13 (Auto-MDIX State (AMDIX-
STATE)). Proper cable testing should include a test of each pair. TDR cable diagnostics is not appropriate for 100BASE-
FX mode. When TDR testing is complete, prior register settings may be restored. Figure 11-5 provides a flow diagram
of proper TDR usage.
Note:
Cable diagnostics are not used for 100BASE-FX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com