Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 162 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 162 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 158Page - Microchip Technology LAN9252/ML Datasheet HTML 159Page - Microchip Technology LAN9252/ML Datasheet HTML 160Page - Microchip Technology LAN9252/ML Datasheet HTML 161Page - Microchip Technology LAN9252/ML Datasheet HTML 162Page - Microchip Technology LAN9252/ML Datasheet HTML 163Page - Microchip Technology LAN9252/ML Datasheet HTML 164Page - Microchip Technology LAN9252/ML Datasheet HTML 165Page - Microchip Technology LAN9252/ML Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 329 page
background image
LAN9252
DS00001909A-page 162
 2015 Microchip Technology Inc.
11.2.16.14 PHY x Special Modes Register (PHY_SPECIAL_MODES_x)
This read/write register is used to control the special modes of the PHY.
Note 9:
Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg-
ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x) is set.
Note 10:
The default value of this bit is determined by the Fiber Enable strap (fx_mode_strap_1 for PHY A, fx_-
mode_strap_2 for PHY B).
Note 11:
This field defaults to 100b when in 100BASE-TX mode (since EtherCAT only uses Auto-Negotiate, 100
Mbps, Full-Duplex) or to 011b when in 100BASE-FX mode (since EtherCAT only uses 100 Mbps, Full-
Duplex).
Note 12:
The default value of this field is determined per Section 11.1.1, "PHY Addressing," on page 120.
Index (decimal): 18
Size:
16 bits
Bits
Description
Type
Default
15:11
RESERVED
RO
-
10
100BASE-FX Mode (FX_MODE)
This bit enables 100BASE-FX Mode
Note:
FX_MODE cannot properly be changed with this bit. This bit must
always be written with its current value. Device strapping must be
used to set the desired mode.
R/W
NASR
Note 9
Note 10
9:8
RESERVED
RO
-
7:5
PHY Mode (MODE[2:0])
This field controls the PHY mode of operation. Refer to Table 11-12 for a defi-
nition of each mode.
Note:
This field should be written with its read value.
R/W
NASR
Note 9
Note 11
4:0
PHY Address (PHYADD)
The PHY Address field determines the MMI address to which the PHY will
respond and is also used for initialization of the cipher (scrambler) key. Each
PHY must have a unique address. Refer to Section 11.1.1, "PHY Address-
ing," on page 120 for additional information.
Note:
No check is performed to ensure that this address is unique from
the other PHY addresses (PHY A, PHY B).
R/W
NASR
Note 9
Note 12
TABLE 11-12: MODE[2:0] DEFINITIONS
MODE[2:0]
Mode Definitions
000
10BASE-T Half Duplex. Auto-Negotiation disabled.
001
10BASE-T Full Duplex. Auto-Negotiation disabled.
010
100BASE-TX or 100BASE-FX Half Duplex. Auto-Negotiation disabled. CRS is active
during Transmit & Receive.
011
100BASE-TX or 100BASE-FX Full Duplex. Auto-Negotiation disabled. CRS is active
during Receive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com