Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 165 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 165 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 161Page - Microchip Technology LAN9252/ML Datasheet HTML 162Page - Microchip Technology LAN9252/ML Datasheet HTML 163Page - Microchip Technology LAN9252/ML Datasheet HTML 164Page - Microchip Technology LAN9252/ML Datasheet HTML 165Page - Microchip Technology LAN9252/ML Datasheet HTML 166Page - Microchip Technology LAN9252/ML Datasheet HTML 167Page - Microchip Technology LAN9252/ML Datasheet HTML 168Page - Microchip Technology LAN9252/ML Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 165
LAN9252
11.2.16.16 PHY x TDR Control/Status Register (PHY_TDR_CONTROL_STAT_x)
Note 14:
Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg-
ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x) is set.
Index (In Decimal): 25
Size:
16 bits
Bits
Description
Type
Default
15
TDR Enable
0 = TDR mode disabled
1 = TDR mode enabled
Note:
This bit self clears when TDR completes
(TDR Channel Status goes high)
R/W
NASR
SC
Note 14
0b
14
TDR Analog to Digital Filter Enable
0 = TDR analog to digital filter disabled
1 = TDR analog to digital filter enabled (reduces noise spikes during
TDR pulses)
R/W
NASR
Note 14
0b
13:11
RESERVED
RO
-
10:9
TDR Channel Cable Type
Indicates the cable type determined by the TDR test.
00 = Default
01 = Shorted cable condition
10 = Open cable condition
11 = Match cable condition
R/W
NASR
Note 14
00b
8
TDR Channel Status
When high, this bit indicates that the TDR operation has completed. This bit
will stay high until reset or the TDR operation is restarted (TDR Enable = 1)
R/W
NASR
Note 14
0b
7:0
TDR Channel Length
This eight bit value indicates the TDR channel length during a short or open
cable condition. Refer to Section 11.2.12.1, "Time Domain Reflectometry
(TDR) Cable Diagnostics," on page 136 for additional information on the
usage of this field.
Note:
This field is not valid during a match cable condition. The PHY x
Cable Length Register (PHY_CABLE_LEN_x) must be used to
determine cable length during a non-open/short (match) condition.
Refer to Section 11.2.12, "Cable Diagnostics," on page 136 for
additional information.
R/W
NASR
Note 14
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com