Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 169 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 169 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 165Page - Microchip Technology LAN9252/ML Datasheet HTML 166Page - Microchip Technology LAN9252/ML Datasheet HTML 167Page - Microchip Technology LAN9252/ML Datasheet HTML 168Page - Microchip Technology LAN9252/ML Datasheet HTML 169Page - Microchip Technology LAN9252/ML Datasheet HTML 170Page - Microchip Technology LAN9252/ML Datasheet HTML 171Page - Microchip Technology LAN9252/ML Datasheet HTML 172Page - Microchip Technology LAN9252/ML Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 169
LAN9252
11.2.16.19 PHY x Cable Length Register (PHY_CABLE_LEN_x)
Index (In Decimal): 28
Size:
16 bits
Bits
Description
Type
Default
15:12
Cable Length (CBLN)
This four bit value indicates the cable length. Refer to Section 11.2.12.2,
"Matched Cable Diagnostics," on page 139 for additional information on the
usage of this field.
Note:
This field indicates cable length for 100BASE-TX linked devices
that do not have an open/short on the cable. To determine the
open/short status of the cable, the PHY x TDR Patterns/Delay
Control Register (PHY_TDR_PAT_DELAY_x) and PHY x TDR
Control/Status Register (PHY_TDR_CONTROL_STAT_x) must be
used. Cable length is not supported for 10BASE-T links. Refer to
Section 11.2.12, "Cable Diagnostics," on page 136 for additional
information.
RO
0000b
11:0
RESERVED - Write as 100000000000b, ignore on read
R/W
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com