Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 16 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 16 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 12Page - TE Connectivity Ltd PCF Datasheet HTML 13Page - TE Connectivity Ltd PCF Datasheet HTML 14Page - TE Connectivity Ltd PCF Datasheet HTML 15Page - TE Connectivity Ltd PCF Datasheet HTML 16Page - TE Connectivity Ltd PCF Datasheet HTML 17Page - TE Connectivity Ltd PCF Datasheet HTML 18Page - TE Connectivity Ltd PCF Datasheet HTML 19Page - TE Connectivity Ltd PCF Datasheet HTML 20Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Panel Plug-In Relays
Relays, Contactors & Circuit Breakers
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
SCHRACK SLIM INTERFACE
SNR
Strong coil pins for DIN-rail socket
LED and protection circuit standard
4kV coil-contact, 6/8mm clearance/
creepage
System width only 6.2mm
SCHRACK INTERFACE
RELAY RT
Strengthened pins designed to plug
into DIN-rail-sockets
Cadmium-free contacts
Complete interface solutions available
Modular concept socket/relay/module
SCHRACK INTERFACE
RELAY XT
Manual test tab, optionally lockable
Mechanical and electrical indicator
Reinforced insulation
4kV/8mm dielectric strength between
coil and contact
Applications
Interface technology
Panel board
Mechanical engineering
Panel board
Mechanical engineering
Machine Industry
Panel boards
Mechanical engineering
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C, (CO)
250VAC
6A
1500VA
AgSnO
2, AgSnO2 Au plated
1) see footnote below
1 form C, (1 CO)
2 form C, (2 CO)
240VAC
8/16A
2000/4000VA
AgSnO
2, AgNi90/10
AgNi90/10 Au plated
1) see footnote below
1 form C, (1 CO)
2 form C, (2 CO)
240VAC
8/16A
2000/4000VA
AgNi90/10
10mA at 12VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC
5 to 60VDC
170mW
DC, AC
5 to 110VDC/24 to 230VAC
400mW/0.75VA
DC, AC
12 to 110VDC/24 to 230VAC
400mW/0.75VA
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1000Vrms
4000Vrms
≥6/8mm
1000Vrms
4000/5000Vrms
2500Vrms
≥8/8mm
1000Vrms
4000/5000Vrms
2500Vrms
≥8/8mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
Relay +85°C, in socket +55°C
RTIII
Plug-in
Socket
28x5x15mm
+70/+85°C
RTII
Plug-in
Socket
29x13x15.7mm
+70/+85°C
RTII
Plug-in
Socket
29x13x26.7mm
Accessories
DIN rail sockets, jumper bars
DIN rail and PCB sockets,
clips, marking tags, modules, jumper
bars
DIN rail and PCB sockets,
clips, marking tags, modules,
jumper bars
Link to datasheet
SCHRACK SLIM INTERFACE SNR
SCHRACK INTERFACE RELAY RT
SCHRACK INTERFACE RELAY XT
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com