Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 2Page - TE Connectivity Ltd PCF Datasheet HTML 3Page - TE Connectivity Ltd PCF Datasheet HTML 4Page - TE Connectivity Ltd PCF Datasheet HTML 5Page - TE Connectivity Ltd PCF Datasheet HTML 6Page - TE Connectivity Ltd PCF Datasheet HTML 7Page - TE Connectivity Ltd PCF Datasheet HTML 8Page - TE Connectivity Ltd PCF Datasheet HTML 9Page - TE Connectivity Ltd PCF Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Power PCB Relays up to 16A
Relays, Contactors & Circuit Breakers
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
SCHRACK SNR
5mm wide slim outline
Strong coil pins for
DIN-rail socket
Allows high function/
packaging density
SCHRACK RYII
Reflow solderable version
Low height 12.3mm
Reinforced insulation
Pinnings 3.2mm and 5mm
SCHRACK MSR/T75
High inrush currents with
AgSnO contacts
4kV/8mm coil-contact
Reinforced insulation
Applications
Interface technology
PLC, timers, Heating control
Interface technology
HVAC, PLC, Power supplies
Domestic appliances
Interface technology
HVAC, PLC, Power supplies
Domestic appliances
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C (CO), 1 form A (NO)
250VAC
6A
1500VA
AgSnO
2 , AgSnO2 gold plated
100mA at 12VDC
1 form C (CO), 1 form A (NO),
1 from B (NC)
250VAC
8A
2000VA
AgNi0.15, AgSnO
2, AgNi 0.15 gold plated
1) see footnote below
1 form C (CO)
1 form A (NO)
250VAC
8/10A
2000VA
AgNi90/10, AgSnO
2
1) see footnote below
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC
5 to 48VDC
170/217mW
DC
5 to 60VDC
(223 - 257)mW
DC
3 to 60VDC
(212-262)mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1000Vrms
4000Vrms
6/8mm
1000Vrms
5000Vrms
8/8mm
1000Vrms
4000Vrms
8/8mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+85°C
RTIII
THT
PCB or on socket
28x5x15mm
+70°C
RTII, RTIII
THT, THR
PCB or on socket
28.5x10.1x12.3mm
+85°C
RTII, RTIII
THT
PCB
28.6x10x15mm
Accessories
DIN rail sockets
PCB sockets
Link to datasheet
SCHRACK SNR
SCHRACK RYII
SCHRACK MSR
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com