Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 8Page - TE Connectivity Ltd PCF Datasheet HTML 9Page - TE Connectivity Ltd PCF Datasheet HTML 10Page - TE Connectivity Ltd PCF Datasheet HTML 11Page - TE Connectivity Ltd PCF Datasheet HTML 12Page - TE Connectivity Ltd PCF Datasheet HTML 13Page - TE Connectivity Ltd PCF Datasheet HTML 14Page - TE Connectivity Ltd PCF Datasheet HTML 15Page - TE Connectivity Ltd PCF Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
1)
Power PCB Relays up to 50A+
Relays, Contactors & Circuit Breakers
Visit
TE.com for more information
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Key Features
Footprint
2) see footnote below
Applications
Lighting control, bus actuator,
power distribution, circuit protection, inverter
Energy counter, prepaid power meter
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended contact load
1 form A (1 NO)
440VAC
60A
15000VA
AgSnO
2
Visit
TE.com for more information
1 form A (1 NO)
250VAC
100A/120A
30000VA
AgSnO
2
Visit
TE.com for more information
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
Bistable
5 to 24VDC
1.5W/3W
Bistable
6 to 24VDC
4.5W
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1500Vrms
4000Vrms
≥6/9mm
2000Vrms
4000Vrms
≥10/10mm
Other Data
Ambient temperature (max.)
Category of environmental protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+70°C
RTI
PCB
PCB
36.8×17.2x30.4mm
+70°C
RTII - flux proof
PCB, Copper
Visit
TE.com for more information
36.8x21.8x41.9mm
Accessories
Link to datasheet
EW60
EW100/120
EW60
1 pole 60A, 1 form A (NO) contact
Polarized bistable (latching) with 1 or 2 coils
NEMA 410-2011, 16A, 277VAC, electronic ballast;
20A branch circuit
480A inrush, 2.1m sec
EW100/120
1 pole 120A, 1 form A (NO) contact
Polarized bistable with two coils latching
4KV/ 8mm coil - contact
Reinforced insulation
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com