Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 5 Page - TE Connectivity Ltd

  PCF Datasheet HTML 1Page - TE Connectivity Ltd PCF Datasheet HTML 2Page - TE Connectivity Ltd PCF Datasheet HTML 3Page - TE Connectivity Ltd PCF Datasheet HTML 4Page - TE Connectivity Ltd PCF Datasheet HTML 5Page - TE Connectivity Ltd PCF Datasheet HTML 6Page - TE Connectivity Ltd PCF Datasheet HTML 7Page - TE Connectivity Ltd PCF Datasheet HTML 8Page - TE Connectivity Ltd PCF Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
1a
.500
± .004
(12.7
± .1)
.100
± .004
(2.54
± .1)
.067
(1.71)
.300
± .004
(7.6
± .1)
4 – .05 DIA
(1.3)
Power PCB Relays up to 16A
Relays, Contactors & Circuit Breakers
PAGE 5
PCH
Compact size
WG type available (IEC 60335-1)
TV-3 ratings for NO contact
OJ/OJE/T77
Miniature size
Sensitive coil 200mW
4kV coil-contacts (OJ/OJT)
Meet UL TV-5 ratings (OJT)
PCN/PCNH
1 pole 3A/5A
Only 5mm wide
Allows high function/packaging density
RoHS compliant
(Directive 2002/95/EC)
Applications
Appliances
HVAC
Refrigerators, microwave ovens
Appliances
HVAC
Industrial control
PLC
Temperature control
I/O modules
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C (CO), 1 form A (NO)
277VAC/30VDC
3/5/10A
1400VA/150W (NO)
850VA/90W (NC)
AgSnO
2
100mA at 5VDC
1 form A (NO)
250VAC/28VDC
3/5/8/10A
720 to 2500VA/
90 to 240W
Ag, AgCdO, AgSnO
2
1) see footnote below
1 form A (NO)
250VAC
3A/5A
750VA /1250VA
AgNi gold plated
100mA at 5VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC, sensitive
3 to 48VDC
200/400mW
DC, sensitive
3 to 48VDC
200/250/450mW
DC
3 to 24VDC
100mW/120mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
750Vrms
4000Vrms
1.6/3.2mm
750/1000Vrms
3000/4000Vrms
1.6/3.2mm and 3.2/6.4mm
750Vrms
3000Vrms
3.5mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+70°C (standard)/+85°C
(WG type)
RTII, RTIII
THT
PCB
20x10x15.2mm
up to 85°C
RTII, RTIII
THT
PCB
18.2x10.2x14.7mm
+85°C
RTIII
THT
PCB
20x5x12.5mm
Accessories
Link to datasheet
PCH
OJ/OJE
T77
PCN
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com