Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 7Page - TE Connectivity Ltd PCF Datasheet HTML 8Page - TE Connectivity Ltd PCF Datasheet HTML 9Page - TE Connectivity Ltd PCF Datasheet HTML 10Page - TE Connectivity Ltd PCF Datasheet HTML 11Page - TE Connectivity Ltd PCF Datasheet HTML 12Page - TE Connectivity Ltd PCF Datasheet HTML 13Page - TE Connectivity Ltd PCF Datasheet HTML 14Page - TE Connectivity Ltd PCF Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
PAGE 11
Power PCB Relays up to 50A+
Relays, Contactors & Circuit Breakers
1.618
(41.10)
.585
(14.86)
.309
(7.85)
.630
(16.00)
.203 TYP.
(5.16)
.052 TYP.
(1.32)
.072 TYP.
(1.83)
1.000
(25.40)
.162
(4.12)
.365
(9.27)
.185
(4.70)
2 – .071 DIA
(1.8)
.472
± .008
(12.0
± .2)
1.09
± .008
(27.6
± .2)
.472
(12.0)
.394
(10.0)
2 – .063 DIA
(1.6)
.244
(6.2)
.228
(5.8)
Potter & Brumfield T92
Switching capacity 7500VA
DC or AC coil
4kV/8mm coil-contact
PCB or quick connect connections
or chassis mount
PCF
Quick connect terminal for
load (PCF only)
Height 26.5mm
Meet 4kV dielectric voltage
between coil and contact
Ambient temperature 85°C
PCFN SOLAR
Specially designed to meet the
requirements for solar
Contact gap 1.5mm/1.8mm min.
200mW hold power
Applications
HVAC
Residential/commercial appliances
Industrial controls
Applicances
HVAC
Office machines
Photovoltaic Inverter
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
2 form C (2 CO)
2 form A (2 NO)
400VAC
30A
7500VAC
AgCdO, AgSnInO
500mA (NO)/ 100mA (NC)
at 12VAC
1 form A (1 NO)
250VAC
25A
6370VA
Visit
TE.com for more information
100mA at 5VDC
1 form A (1 NO)
277VAC
26A
7200VA
AgSnO
2
100mA at 5VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC, AC
5 to 110VDC/12 to 240VAC
1.7W/4.0VA
DC
6 to 24VDC
900mW
DC
12VDC and 24VDC
1.5W/200mW hold power
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1500Vrms
4000Vrms
2000Vrms
8/9.5mm
1000Vrms
4000Vrms
6.7/>8mm
2500Vrms
4000Vrms
6.1/6.1mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
DC Coil +85°C; AC Coil +65°C
RTI, RTII, RTIII
THT/Quick connect
Panel mount, PCB
52.3x34.6x30.8mm
+85°C
RTII
THT/Quick connect (#250)
PCB
30.4x16x26.5mm
+85°C
RTII
PCB-THT
PCB
30.4x16x26.5mm
Accessories
Link to datasheet
Potter & Brumfield T92
PCF
PCFN SOLAR
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com