Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 35 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 35 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 30Page - TE Connectivity Ltd PCF Datasheet HTML 31Page - TE Connectivity Ltd PCF Datasheet HTML 32Page - TE Connectivity Ltd PCF Datasheet HTML 33Page - TE Connectivity Ltd PCF Datasheet HTML 34Page - TE Connectivity Ltd PCF Datasheet HTML 35Page - TE Connectivity Ltd PCF Datasheet HTML 36Page - TE Connectivity Ltd PCF Datasheet HTML 37Page - TE Connectivity Ltd PCF Datasheet HTML 38Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
PAGE 35
Circuit Breakers
Relays, Contactors & Circuit Breakers
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
Potter & Brumfield W57
Thermal overload/trip free operation
Push to reset
Compact design
Cannot be manually tripped
PCB termination options
UL 1077, UL 1500, cUL, VDE, CCC.
(3A,4A,20A no VDE)
Potter & Brumfield W58
Thermal overload/trip free operation
Push to reset
Cannot be manually tripped
Visual trip indication
UL 1077, UL 1500, CSA. (30A not UL
or CSA)
Potter & Brumfield W6/W9
Magnetic hydraulic actuation/trip-free
operation
Several delay curve options
Fungus and moisture resistant
UL 1077, UL 1500, CSA, VDE
Applications
Generators, general aviation,
medical, marine
Power supplies, lighting,
surge protection
Audio, pool and spa, appliances,
Industrial controls
Generators, general aviation,
medical, marine
Power supplies, lighting,
surge protection
Audio, pool and spa, appliances,
Industrial controls
HVAC (transformers), general
aviation, medical, marine
Power supplies, lighting,
surge protection
Audio, pool and spa, appliances,
Industrial controls
Operational Data
Type
Number of Poles
Circuit function
Ambient temperature (max.)
Terminal type
Mounting
Manual operation Actuator
Dimension L*W*H
Thermal
1
Series trip
0 to 60°C
Standard quick connect
.250in x .032in and #8-32 screw
and PCB option
3/8"-24, M11-1.0,
M12-1.0 threaded bushing
Push-to-reset
31.0 x 14.6 x 35.0mm (W54)
22.6 x 14.6 x 29.2mm (W57)
Thermal
1
Series trip
-25 to 65°C
Standard quick connect
.250in x .032in and #8-32 screw
7/16"-28, 15/32"-32,
3/8"-24 threaded bushing"
Push-to-reset
34.9 x 16.8 x 34.9mm
Magnetic/hydraulic
1-4
Series trip
-40 to +85 °C
W6-Standard Quick Connect
.250in x .032in and #8-32 or #10/32
screw. W9- #10/32 stud terminations
6-32, M3 tapped holes
Toggle
41.7 x 19.0 x 50.8mm (W6 per pole)
46.9 x 19.0 x 63.5mm (W9 per pole)
Electrical Data
Dielectric strength
Insulation Resistance
Max Operating Voltages
Rated current
Interrupt capacity
Calibration
Resetable Overload Capacity
Reset Time
1500VAC
50VDC, 250VAC 50/60 Hz
3A to 20A
1000 amps in accordance with
UL standard 1077
Will continuously carry 100% of
rating. May trip between 101% and
134%, but must trip at 135% of
rating within one hour at +25°C
Ten times rated current
60 Seconds
1500Vrms
50VDC, 250VAC
0.5A to 30A
2000 amps at 50VDC (0.5 - 30
amp models) 1000 amps at
250VAC (0.5 - 30amp models).
Note: 30 amp model not
UL or CSA
Breaker will continuously carry
100% of rated load. It may trip
between 101% and 145% of rated
load, but must trip at 145%
at 25°C
Ten times rated current
50/60 Hz, 1,500V: DC, 1100V
100 megohms at 500VDC
65VDC, 277VAC, 480VAC - 3Ø wye
0.20A to 50A
up to 5000A with UL 1077, CSA,
VDE. Up to 3000A for UL 1500
Breakers will hold 100% rated
current. May trip between 101% and
124% rated load (134% for AC/DC
units) Must trip at 125% rated load
(135% for AC/DC units)
Ten times rated current
60 Seconds
Accessories
Protective boot, knurl nut, hex nut,
lockwasher, nameplate
Protective boot, knurl nut, hex nut,
lockwasher
Toggle guard (W6 only)
Link to datasheet
Potter & Brumfield W57
Potter & Brumfield W58
Potter & Brumfield W6/W9
Key Features
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com