Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 27 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 27 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 23Page - TE Connectivity Ltd PCF Datasheet HTML 24Page - TE Connectivity Ltd PCF Datasheet HTML 25Page - TE Connectivity Ltd PCF Datasheet HTML 26Page - TE Connectivity Ltd PCF Datasheet HTML 27Page - TE Connectivity Ltd PCF Datasheet HTML 28Page - TE Connectivity Ltd PCF Datasheet HTML 29Page - TE Connectivity Ltd PCF Datasheet HTML 30Page - TE Connectivity Ltd PCF Datasheet HTML 31Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
PAGE 27
High Frequency Relays
Relays, Contactors & Circuit Breakers
Axicom HF3
High performance RF relay/switch
for up to 3GHz
Low power consumption
≤70/140 mW
50 and 75Ω version
Very small design
Axicom HF3S
High performance RF relay/switch for
up to 3GHz
Low power consumption ≤70/140mW
50 and 75Ω version
RF power 100W at 2GHz
Very small design
Axicom HF6
High performance RF relay/switch for
up to 6GHz
Low power consumption ≤70/ 140mW
50Ω version
Very small design
Applications
Cable modems and linecards/CATV
Measurement and test equipment
ATE
Satellite/audio/video tuners
Cable modems and linecards/CATV
Measurement and test equipment
ATE
Satellite/audio/video tuners
Measurement and test equipment
ATE
Wireless base stations and antennas
Wireless infrastructure
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Min. recommended contact load
Initial contact resistance
1 form C, 1 CO
Bridge contacts
250VAC/220VDC
2A
60W/62.5VA/50W (2.5GHz)
100µV/1µA
<100mΩ
1 form C, 1 CO
Bridge contacts
250VAC/220VDC
2A
60W/62.5VA/50W (2.5GHz)
100µV/1µA
<100mΩ
1 form C, 1 CO
Bridge contacts
250VAC/220VDC
2A
60W/62.5VA/50W (2.5GHz)
100µV/1µA
<100mΩ
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC coil/bistable 1 coil/2 coils
Polarized
3 to 24VDC
140mW/70mW/140mW
Polarized
3 to 24VDC
140mW/70mW/140mW
Polarized
3 to 24VDC
140mW/70mW/140mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Initial surge withstand voltage
between open contacts
between contact and coil
between adjacent contacts
Capacitance
between open contacts
600Vrms
1000Vrms
1000Vp
1500Vp
max. 1pF
600Vrms
1000Vrms
1000Vp
1500Vp
max. 1pF
600Vrms
1000Vrms
1000Vp
1500Vp
max. 1pF
RF Data
0.1/0.9/3GHz
0.1/0.9/3GHz
0.9/3/6GHz
Isolation
Insertion loss
Voltage standing wave ratio
(VSWR)
-80/-72/-DB45
-0.03/0.12/-0.35dB
1.05/1.15/1.20
-95/-80/-55dB
-0.03/-0.12/-0.30dB
1.05/1.10/1.25
-80/-60/-30dB
-0.05/-0.15/-0.80dB
1.05/1.10/1.40
Other Data
Ambient temperature (max.)
Category of environmental
protection
Terminal type
Dimension (lwh)
-55 to +85°C
IP67/RTIII
SMT
14.6x7.2x10mm
-55 to +85°C
IP67/RTIII
SMT
15x7.6x10.6mm
-55 to +85°C
IP67/RTIII
SMT
15x7.6x10.6mm
Link to datasheet
Axicom HF3
Axicom HF3S
Axicom HF6
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com