Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 34 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 34 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 30Page - TE Connectivity Ltd PCF Datasheet HTML 31Page - TE Connectivity Ltd PCF Datasheet HTML 32Page - TE Connectivity Ltd PCF Datasheet HTML 33Page - TE Connectivity Ltd PCF Datasheet HTML 34Page - TE Connectivity Ltd PCF Datasheet HTML 35Page - TE Connectivity Ltd PCF Datasheet HTML 36Page - TE Connectivity Ltd PCF Datasheet HTML 37Page - TE Connectivity Ltd PCF Datasheet HTML 38Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Circuit Breakers
Relays, Contactors & Circuit Breakers
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Potter & Brumfield W33
Thermal overload/trip free Operation
Optional indicator lamp
Optional auxiliary switch
Combines on/off switching and circuit
protection in a single unit
UL 1077, CSA
Potter & Brumfield W51
Thermal overload/trip free operation
Rocker actuated with switch
overload sensing
Optional indicator lamp
Combines power switching and circuit
protection in a single unit
Compact design
PCB termination options
UL1077, cUL, VDE, CCC
Potter & Brumfield W54
Thermal overload/trip free operation
Push to reset
Visual trip indication
Multiple termination options
UL 1077, UL 1500, cUL, VDE, CCC,
CSA. (>30A not UL1500 or CSA)
(>20A not VDE)
Typical applications
Generators, General Aviation,
Medical, Marine
Power Supplies, Lighting,
Surge Protection
Audio, pool and spa, appliances,
Industrial controls
Generators, General Aviation,
Medical, Marine
Power Supplies, Lighting,
Surge Protection
Audio, pool and spa, appliances,
Industrial controls
Generators, general aviation,
medical, marine
Power supplies, lighting, surge
protection
Audio, pool and spa, appliances,
Industrial controls
Operational Data
Type
Number of Poles
Circuit function
Ambient temperature (max.)
Terminal type
Mounting
Manual operation Actuator
Dimension L*W*H
Thermal
1-2
Series trip both poles; series trip 1
pole/switch only 1 pole; switch
only 2 poles
-20 to +65 °C
Standard quick connect 250in x
.032in and solder option
Snap-in
Rocker
43.8 x 24.9 x 48.0mm
Thermal
1
Series trip
0°C to + 60 °C for 10-20A models
0°C to + 50 °C for 5-8A models
Standard quick connect
250inx.032in/solder option/PCB
Snap-in, PCB
Rocker
21.8 x 15.2 x 32.0mm
Thermal
1
Series trip
0 to 60 °C
Standard quick connect
250inx.032in and #8-32 screw
3/8"-24, M11-1.0, M12-1.0
threaded bushing
Push-to-reset
31.0 x 14.6 x 35.0mm (W54)
22.6 x 14.6 x 29.2mm (W57)
Electrical Data
Dielectric strength
Insulation Resistance
Max Operating Voltages
Rated current
Interrupt capacity
Calibration
Resetable OverloadCapacity
Reset Time
2000Vrms
50VDC
250VAC
2A to 20A
1000A at 50VDC, 250VAC/60Hz
and 125/250VAC 400Hz; 1500A at
25/250VAC/60Hz
Will continuously carry 100% of
rating. May trip between 101% and
134%, but must trip at 135% of
rating within one hour at +25°C
150% for 5-8A models
Ten times rated current
1500VAC
100M Ω
50VDC
125/250VAC (model dependent)
5A to 20A
1,000 amps in accordance with UL
standard 1077
Will continuously carry 100% of
rating. May trip between 101% and
134%, but must trip at 135% of rating
within one hour at +25°C. 150% for
5-8A models
Ten times rated current. Switch
Endurance Cycling: Typically 6,000
operations at 100% of rating
60 Seconds
1500VAC
100MΩ
50VDC
250VAC
5A to 40A
1,000 amps in accordance with
UL standard 1077
Will continuously carry 100% of
rating. May trip between 101% and
134%, but must trip at 135% of
rating within one hour at +25°C
Ten times rated current.
60 Seconds
Accessories
Protective boot, knurl nut, hex
nut, lockwasher, nameplate
Link to datasheet
Potter & Brumfield W33
Potter & Brumfield W51
Potter & Brumfield W54
Key Features
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com