Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 26 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 26 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 22Page - TE Connectivity Ltd PCF Datasheet HTML 23Page - TE Connectivity Ltd PCF Datasheet HTML 24Page - TE Connectivity Ltd PCF Datasheet HTML 25Page - TE Connectivity Ltd PCF Datasheet HTML 26Page - TE Connectivity Ltd PCF Datasheet HTML 27Page - TE Connectivity Ltd PCF Datasheet HTML 28Page - TE Connectivity Ltd PCF Datasheet HTML 29Page - TE Connectivity Ltd PCF Datasheet HTML 30Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
.300
(7.62)
.2
(5.08)
.1
(2.54)
6 – 0.31 DIA
(.8)
5 – .04 DIA.
(1.0)
.397
(10.1)
.299
(7.6)
.098
(2.5)
Signal Relays
Relays, Contactors & Circuit Breakers
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Axicom REED DIP/SIL
Direct driving with TTL signals
Ultrasonic cleanable
High switching speed
Clamping diode
Electrostatic shield
TSC
Designed for thermostat, modem
Computer peripherals, video
recording and security application
Low coil power requirements
IC compatibility
OUAZ/T81
Gold overlay silver palladium alloy
contact suitable for low loads
High density available on PCB due to
small size
2.54mm terminal pitch same as IC
socket terminal pitch
Sensitive and standard coils
Key Features
Footprint
2) see footnote below
Applications
Incircuit tester
Measuring and control systems
Alarm and security equipment
Telecommunications
Office machine
Telecommunications
Logic and process control
Vending machines
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Min. recommended contact load
Initial contact resistance
1 form A, 1 NO
2 form A, 2 NO
1 from C, 1 CO
Reed contacts
175 to 200VAC/VDC
0.25 to 0.5A
3 to 10W
10µV/1µA
<150mΩ
1 form C, 1 CO
120VAC, 30VDC
1A
120VA, 24W
1mA at 1VDC
50mΩ at 100mA, 6VDC
1 form C, 1 CO
1 form A, 1 NO
120VAC/24VDC
1A
120VA, 30W
1mA at 1VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC coil/bistable 1 coil/2 coils
Non polarized
5 to 24VDC
50 to 300mW/-/-
DC, sensitive
3 to 24VDC
150, 300mW
DC, sensitive
5 to 24VDC
200, 450mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Initial surge withstand voltage
between open contacts
between contact and coil
between adjacent contacts
Isolation 100/900MHz
Insertion loss 100/900MHz
Volt. standing wave ratio
100/900MHz
Capacitance
between open contacts
140 to 175Vrms
500vdc
500vdc
max. 1pF
400Vrms
1000Vrms
1500Vp (10/160µs)
500Vrms
1000Vrms
1500Vp (10/160µs)
Other Data
Ambient temperature (max.)
Category of environmental
protection
Terminal type
Dimension (lwh)
-20 to +70°C
IP67/RTIII
THT
19.3x5.7x7.5mm/19.8x5.1x8mm
40 to +80°C
RTIII/IP67
THT
12.5x7.5x10mm
-40 to +60°C (standard)
RTII, RTIII
THT
15.4x10.4x11.2mm
Link to datasheet
Axicom REED DIP/SIL
TSC
OUAZ/T81
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com