Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF Datasheet(PDF) 18 Page - TE Connectivity Ltd

Part # PCF
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCF Datasheet(HTML) 18 Page - TE Connectivity Ltd

Back Button PCF Datasheet HTML 14Page - TE Connectivity Ltd PCF Datasheet HTML 15Page - TE Connectivity Ltd PCF Datasheet HTML 16Page - TE Connectivity Ltd PCF Datasheet HTML 17Page - TE Connectivity Ltd PCF Datasheet HTML 18Page - TE Connectivity Ltd PCF Datasheet HTML 19Page - TE Connectivity Ltd PCF Datasheet HTML 20Page - TE Connectivity Ltd PCF Datasheet HTML 21Page - TE Connectivity Ltd PCF Datasheet HTML 22Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Panel Plug-In Relays
Relays, Contactors & Circuit Breakers
.328
(8.33)
.510
(12.95)
.170
(4.32)
.076 DIA. TYP.
(1.93)
.626
(15.90)
.340
(8.64)
1.020
(25.91)
.206
(5.23)
PCB mount not applicable.
Visit
TE.com for more information
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Potter & Brumfield
KRPA/MT
Industry standard octal/undecal
type termination for quick
installation
DC and AC coils
Mechanical indicator, indicator
lamp and push-to-test options
SCHRACK RM2/3/7
Wide selection of termination
and mounting styles
PC terminals available
Push to test button and indicator
lamps
Class B coil insulation
Potter & Brumfield KUP/
KUMP/KUIP
Wide selection of termination and
mounting styles
Broad range of contact forms
PC terminals available
Push to test button and indicator lamps
Class B coil insulation
Applications
Mechanical engineering
Elevator control, Plant control
Baggage handling
Elevator control
Power supplies
HVAC
Pump motor controls
Hospital beds
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C (1 CO) (KRPA)
2 form C (2 CO)
3 form C (3 CO)
240VAC
4/10A
500/2400/2500VA
AgCdO, AgNi90/10, AgNi90/10 Au
plated
1) see footnote below
2 form C (2 CO)
3 form C (3 CO)
400VAC
10/16A
3800/6000VA
AgCdO, AgNi90/10 in preparation
100mA at 12VDC
1, 2, 3, 4 form C (CO)
1, 2, 3 form A (NO)
2, 3 form B (NC)
1 form X (NO-DM)
1 form Y (NC-DB)
1 from Z (CO-DM/DB)
240VAC
10/15A
2400/4155VA
Ag, AgCdO, AgSnOInO
100mA at 12VDC(Ag) 300mA at
12VDC (AgCdO, AnSnOInO)
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC, AC
6 to 220VDC/6 to 240VAC
760mW to 1.3W/0.74 to 2.3VA
DC, AC
6 to 220VDC/6 to 400VAC
1.2 to 1.8W/2 to 2.8VA
DC, AC
5 to 110VDC/6 to 240VAC
1.2 to 1.8W/2 to 2.7VA
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1000/1500Vrms
1000/2500Vrms
1000/2500Vrms
≥2.8/4mm
1500Vrms
2500Vrms
2500Vrms
≥4/14.9mm
1200Vrms
2200/3750Vrms
2200Vrms
Visit
TE.com for more information
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
DC +60/+70°C
AC +50/+55°C
RTI
Plug-in
Socket
35.7x35.7x50.8/57mm
+50/+70°C
RTI
THT, Plug-in, solder, Quick connect
Socket, PCB, bracket, flange mount
and DIN-snap-on
38.5x35.5x48.5mm
DC +50/+70/+95°C
AC +45/+55/+70°C
RTI
THT, Plug-in, solder, Quick connect
Socket, PCB, bracket, flange, stud and
tapped core
38.9x35.7x48.4mm
Accessories
DIN rail and PCB sockets, clips,
marking tags, modules
DIN rail and PCB sockets, clips
DIN rail, panel and PCB
sockets, clips
Link to datasheet
Potter & Brumfield KRPA
SCHRACK MT
SCHRACK RM2/3/7
Potter & Brumfield KUIP KUGP
KUM KUMP KUP
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com