Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SCD55104A Datasheet HTML 5Page - OSRAM GmbH SCD55104A Datasheet HTML 6Page - OSRAM GmbH SCD55104A Datasheet HTML 7Page - OSRAM GmbH SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH SCD55104A Datasheet HTML 10Page - OSRAM GmbH SCD55104A Datasheet HTML 11Page - OSRAM GmbH SCD55104A Datasheet HTML 12Page - OSRAM GmbH SCD55104A Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
2006-02-20
9
The user can activate four Control functions. These include: LED
Brightness Level, Lamp Test, IC Power Down, or Display Clear.
OPCODEs and five bit words are used to initiate these functions.
The OPCODEs and Control Words for the Character Address and
Loading Column Data are shown in Tables „Load Character
Address“ (page 9) and „Load Column Data“ (page 9).
The user can select seven specific LED brightness levels, Table
„Display Brightness“ (page 9). These brightness levels (in percent-
ages of full brightness of the display) include: 100% (F0
HEX), 53%
(F1
HEX), 40% (F2HEX), 27% (F3HEX), 20% (F4HEX), 13% (F5HEX),
and 6.6% (F6
HEX). The brightness levels are controlled by chang-
ing the duty factor of the row strobe pulse.
Row and Column Location
The SCD5510XA offers a unique Display Power Down feature
which reduces I
CC to less than 50 µA. When FFHEX is loaded, as
shown in Table „Power Down“ (page 9), the display is set to 0%
brightness and the internal multiplex clock is stopped. When in the
Power Down mode data may still be written into the RAM. The dis-
play is reactivated by loading a new Brightness Level Control Word
into the display.
The Lamp Test is enabled by loading F8
HEX, Table „Lamp Test“
(page 9), into the serial shift register. This Control Word sets all of
the LEDs to a 53% brightness level. Operation of the Lamp Test
has no affect on the RAM and is cleared by loading a Brightness
Control Word.
The Software Clear (C0
HEX), given in Table „Software Clear“
(page 9), clears the Address Register and the RAM. The display is
blanked and the Character Address Register will be set to Charac-
ter 0. The internal counter and the Control Word Register are unaf-
fected. The Software Clear will remain active until the next data
input cycle is initiated.
Load Character Address
Op code
D7 D6 D5
Character Address
D4 D3
D2
D1
D0
Hex
Operation
Load
10
1
10
0
0
0
B0
Character 0
10
1
10
0
0
1
B1
Character 1
10
1
10
0
1
0
B2
Character 2
10
1
10
0
1
1
B3
Character 3
10
1
10
1
0
0
B4
Character 4
10
1
10
1
0
1
B5
Character 5
10
1
10
1
1
0
B6
Character 6
10
1
10
1
1
1
B7
Character 7
10
1
11
0
0
0
B8
Character 8
10
1
11
0
0
1
B9
Character 9
Load Column Data
Op code
D7 D6 D5
Column Data
D4 D3
D2
D1
D0
Operation Load
00
0
C0 C1
C2
C3
C4
Row 0
00
1
C0 C1
C2
C3
C4
Row 1
01
0
C0 C1
C2
C3
C4
Row 2
01
1
C0 C1
C2
C3
C4
Row 3
10
0
C0 C1
C2
C3
C4
Row 4
IDXX5187
Row 0
Row 1
Row 2
Row 3
Row 4
01
2
3
4
Previously "on" LED
On LED
Off LED
Columns
Display Brightness
Op code
D7 D6 D5
Control Word
D4 D3
D2
D1
D0
Hex
Operation
Level
11
1
10
0
0
0
F0
100%
11
1
10
0
0
1
F1
53%
11
1
10
0
1
0
F2
40%
11
1
10
0
1
1
F3
27%
11
1
10
1
0
0
F4
20%
11
1
10
1
0
1
F5
13%
11
1
10
1
1
0
F6
6.6%
Power Down
Op code
D7 D6 D5
Control Word
D4 D3
D2
D1
D0
Hex
Operation
Level
11
1
11
1
1
1
FF
0%
brightness
Lamp Test
Op code
D7 D6 D5
Control Word
D4 D3
D2
D1
D0
Hex
Operation
Level
11
1
10
B
B
B
Lamp Test
(OFF)
11
1
11
0
0
1
F8
Lamp Test
(OFF)
Software Clear
Op code
D7 D6 D5
Control Word
D4 D3
D2
D1
D0
Hex
Operation
Level
11
0
00
0
0
0
C0
CLEAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com