Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 1 Page - OSRAM GmbH

  SCD55104A Datasheet HTML 1Page - OSRAM GmbH SCD55104A Datasheet HTML 2Page - OSRAM GmbH SCD55104A Datasheet HTML 3Page - OSRAM GmbH SCD55104A Datasheet HTML 4Page - OSRAM GmbH SCD55104A Datasheet HTML 5Page - OSRAM GmbH SCD55104A Datasheet HTML 6Page - OSRAM GmbH SCD55104A Datasheet HTML 7Page - OSRAM GmbH SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Lead (Pb) Free Product - RoHS Compliant
Standard Red
SCD55100A
Yellow
SCD55101A
High Efficiency Red
SCD55102A
Green
SCD55103A
High Efficiency Green
SCD55104A
Slimline
0.145’’ 10-Character 5x5 Dot Matrix Serial Input
Dot Addressable Intelligent Display® Devices
2006-02-20
1
DESCRIPTION
The SCD55100A (Red), SCD55101A (Yellow),
SCD55102A (HER), SCD55103A (Green) and
SCD55104A (HEG) are eight digit dot addressable 5 x 5
matrix, Serial Input, Intelligent Display devices.
The ten 3.68 mm (0.145") high digits are packaged in a
rugged, high quality optically transparent, standard
7.62 mm (0.3") pin spacing 28 pin plastic DIP.
The on-board CMOS has a 250 bit RAM, one bit associ-
ated with one LED, each to generate User Defined Char-
acters. Due to the reduced LED count, power
requirement and heat dissipation are reduced by 30%.
Additionally in Power Down Mode quiescent current
is <50 µA.
The SCD5510XA is designed to work with the Serial port
of most common microprocessors. The multiplex Clock
I/O (CLK I/O) and multiplex Clock Select (CLKSEL) pins
offer the user the capability to supply a high speed
external multiplex clock. This feature can minimize audio
in-band interference for portable communication
equipment or eliminate the visual synchronization effects
found in high vibration environments such as avionics
equipment.
FEATURES
Low Profile Package: 60% Smaller than Industry Stan-
dard 10-Digit Display
Ten 3.68 mm (0.145") 5 x 5 Dot Matrix Characters
in Red, Yellow, High Efficiency Red, Green, or
High Efficiency Green
Optimum Display Surface Efficiency
(display area to package ratio)
Low Power–30% Less Power Dissipation
than 5 x 7 Format
High Speed Data Input Rate: 5.0 MHz
ROMless Serial Input, Dot Addressable
Display—Ideal for User Defined Characters
Built-in Decoders, Multiplexers and LED Drivers
Readable from 1.8 meters (6 Feet)
Wide Viewing Angle, X Axis ± 55°, Y Axis ± 65°
Attributes:
– 250 bit RAM for User Defined Characters
– Eight Dimming Levels
– Power Down Mode (<250 µW)
– Hardware/Software Clear Function
– Lamp Test
Internal or External Clock
End-Stackable Dual-in-line Plastic Package
– 3.3 V Capability


Similar Part No. - SCD55104A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
SCD5581 SIEMENS-SCD5581 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5581A INFINEON-SCD5581A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
SCD5582 SIEMENS-SCD5582 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
More results

Similar Description - SCD55104A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
Serial Input Dot Addressable Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
5x7 Dot Matrix Intelligent Display
SCE5780 OSRAM-SCE5780 Datasheet
777Kb / 15P
Serial Input Dot Addressable Intelligent Display짰 Devices
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
Dot Addressable Intelligent Display짰 Devices
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
Intelligent Addressable Plug-In Ionization Smoke Detector
SS-T GAMEWELL-FCI-SS-T Datasheet
88Kb / 2P
Intelligent Addressable Plug-In Thermal (Heat) Detectors
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
Alphanumeric Intelligent Display Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com