Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 14 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button SCD55104A Datasheet HTML 9Page - OSRAM GmbH SCD55104A Datasheet HTML 10Page - OSRAM GmbH SCD55104A Datasheet HTML 11Page - OSRAM GmbH SCD55104A Datasheet HTML 12Page - OSRAM GmbH SCD55104A Datasheet HTML 13Page - OSRAM GmbH SCD55104A Datasheet HTML 14Page - OSRAM GmbH SCD55104A Datasheet HTML 15Page - OSRAM GmbH SCD55104A Datasheet HTML 16Page - OSRAM GmbH SCD55104A Datasheet HTML 17Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
2006-02-20
14
Loading Data Into the Display
Use following procedure to load data into the display:
1.
Power up the display.
2.
Bring RST low (600 ns duration minimum) to clear the Multi-
plex Counter, Address Register, Control Word Register,
User Ram and Data Register. The display will be blank. Dis-
play brightness is set to 100%.
3.
If a different brightness is desired, load the proper brightness
opcode into the Control Word Register.
4.
Load the Digit Address into the display.
5.
Load display row and column data for the selected digit.
6.
Repeat steps 4 and 5 for all digits.
Data Contents for the Word “Displays”
Step
D7
D6
D5
D4
D3
D2
D1
D0
Function
A
B (optional)
11
0
11
1
00
0
0
0
10
B
B
B
CLEAR
BRIGHTNESS SELECT
1
2
3
4
5
6
10
1
00
0
00
1
01
0
01
1
10
0
10
0
0
0
11
1
1
0
10
0
0
1
10
0
0
1
10
0
0
1
11
1
1
0
DIGIT D0 SELECT
ROW 0 D0 (D)
ROW 1 D0 (D)
ROW 2 D0 (D)
ROW 3 D0 (D)
ROW 4 D0 (D)
7
8
9
10
11
12
10
1
00
0
00
1
01
0
01
1
10
0
10
0
0
1
01
1
1
0
00
1
0
0
00
1
0
0
00
1
0
0
01
1
1
0
DIGIT D1 SELECT
ROW 0 D1 (I)
ROW 1 D1 (I)
ROW 2 D1 (I)
ROW 3 D1 (I)
ROW 4 D1 (I)
13
14
15
16
17
18
10
1
00
0
00
1
01
0
01
1
10
0
10
0
1
0
01
1
1
1
10
0
0
0
01
1
1
0
00
0
0
1
11
1
1
0
DIGIT D2 SELECT
ROW 0 D2 (S)
ROW 1 D2 (S)
ROW 2 D2 (S)
ROW 3 D2 (S)
ROW 4 D2 (S)
19
20
21
22
23
24
10
1
00
0
00
1
01
0
01
1
10
0
10
0
1
1
11
1
1
0
10
0
0
1
11
1
1
0
10
0
0
0
10
0
0
0
DIGIT D3 SELECT
ROW 0 D3 (P)
ROW 1 D3 (P)
ROW 2 D3 (P)
ROW 3 D3 (P)
ROW 4 D3 (P)
25
26
27
28
29
30
10
1
00
0
00
1
01
0
01
1
10
0
10
1
0
0
10
0
0
0
10
0
0
0
10
0
0
0
10
0
0
0
11
1
1
1
DIGIT D4 SELECT
ROW 0 D4 (L)
ROW 1 D4 (L)
ROW 2 D4 (L)
ROW 3 D4 (L)
ROW 4 D4 (L)
31
32
33
34
35
36
10
1
00
0
00
1
01
0
01
1
10
0
10
1
0
1
00
1
0
0
01
0
1
0
11
1
1
1
10
0
0
1
10
0
0
1
DIGIT D5 SELECT
ROW 0 D5 (A)
ROW 1 D5 (A)
ROW 2 D5 (A)
ROW 3 D5 (A)
ROW 4 D5 (A)
37
38
39
40
41
42
10
1
00
0
00
1
01
0
01
1
10
0
1
011
0
1
000
1
0
101
0
0
010
0
0
010
0
0
010
0
DIGIT D6 SELECT
ROW 0 D6 (Y)
ROW 1 D6 (Y)
ROW 2 D6 (Y)
ROW 3 D6 (Y)
ROW 4 D6 (Y)
43
44
45
46
47
48
10
1
00
0
00
1
01
0
01
1
10
0
10
1
1
1
01
1
1
1
10
0
0
0
01
1
1
0
00
0
0
1
11
1
1
0
DIGIT D7 SELECT
ROW 0 D7 (S)
ROW 1 D7 (S)
ROW 2 D7 (S)
ROW 3 D7 (S)
ROW 4 D7 (S)
Note:
If the display is already reset at Power Up, there is no need for Software Clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com