Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 5 Page - OSRAM GmbH

  SCD55104A Datasheet HTML 1Page - OSRAM GmbH SCD55104A Datasheet HTML 2Page - OSRAM GmbH SCD55104A Datasheet HTML 3Page - OSRAM GmbH SCD55104A Datasheet HTML 4Page - OSRAM GmbH SCD55104A Datasheet HTML 5Page - OSRAM GmbH SCD55104A Datasheet HTML 6Page - OSRAM GmbH SCD55104A Datasheet HTML 7Page - OSRAM GmbH SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
2006-02-20
5
Input/Output Circuits
Figures „Inputs“ and „Clock I/O“ show the input and output resis-
tor/diode networks used for ESD protection and to eliminate sub-
strate latch-up caused by input voltage over/under shoot.
Inputs
Top View
Clock I/O
Electrical Characteristics (over operating temperature)
Parameter
Min.
Typ.
Max.
Units
Conditions
V
CC
4.5
5.0
5.5
V
ICC (Pwr Dwn Mode)
(4)
50
µA
V
CC=5.0 V, all inputs=0 V or VCC
ICC 10 digits 16 dots/character
250
365
mA
V
CC=5.0 V, “#” displayed in all 10 digits
at 100% brightness at 25
°C
IIL Input current
–10
µA
V
CC=5.0 V, VIN=0 V (all inputs)
IIH Input current
10
µA
V
CC=VIN=5.0 V (all inputs)
VIH
3.5
V
V
CC=4.5 V to 5.5 V
VIL
1.5
V
V
CC=4.5 V to 5.5 V
IOH (CLK I/O)
–8.9
mA
V
CC=4.5 V, VOH=2.4 V
IOL (CLK I/O)
1.6
mA
V
CC=4.5 V, VOL=0.4 V
θ
JA
31
°C/W
F
ext External Clock Input Frequency
120
347
kHz
V
CC=5.0 V, CLKSEL=0
F
osc Internal Clock Input Frequency
120
347
kHz
V
CC=5.0 V, CLKSEL=1
Clock I/O Bus Loading
240
pF
Clock Out Rise Time
500
ns
V
CC=4.5 V, VOH=2.4 V
Clock Out Fall Time
500
ns
V
CC=4.5 V, VOH=0.4 V
FM, Digit
375
768
1086
Hz
Notes:
1)
Peak current
5/3 x I
CC.
2)
Unused inputs must be tied high.
3)
Contact Infineon for 3.3 V operation.
4)
External oscillator must be stopped if being used to maintain an I
CC<50 µA.
IDCD5021
GND
1 k
Input
CC
V
114
28
15
IDPA5117
IDCD5026
GND
1 k
Input/Output
CC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com