Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SCD55104A Datasheet HTML 6Page - OSRAM GmbH SCD55104A Datasheet HTML 7Page - OSRAM GmbH SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH SCD55104A Datasheet HTML 10Page - OSRAM GmbH SCD55104A Datasheet HTML 11Page - OSRAM GmbH SCD55104A Datasheet HTML 12Page - OSRAM GmbH SCD55104A Datasheet HTML 13Page - OSRAM GmbH SCD55104A Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
2006-02-20
10
Row Strobing
Multiplexer and Display Driver
The ten characters are row multiplexed with RAM resident column
data. The strobe rate is established by the internal or external
MUX Clock rate. The MUX Clock frequency is divided by a 320
counter chain. This results in a typical strobe rate of 750 Hz. By
pulling the Clock SEL line low, the display can be operated from an
external MUX Clock. The external clock is attached to the CLK I/O
connection (pin 15). The maximum external MUX Clock frequency
should be limited to 1.0 MHz.
An asynchronous hardware Reset (pin 13) is also provided. Bring-
ing this pin low will clear the Character Address Register, Control
Word Register, RAM, and blanks the display. This action leaves the
display set at Character Address 0, and the Brightness Level set at
100%.
Electrical & Mechanical Considerations
Interconnect Considerations
Optimum product performance can be had when the following
electrical and mechanical recommendations are adopted. The
SCD5510XA’s IC is constructed in a high speed CMOS process,
consequently high speed noise on the SERIAL DATA, SERIAL
DATA CLOCK, LOAD and RESET lines may cause incorrect data
to be written into the serial shift register. Adhere to transmission
line termination procedures when using fast line drivers and long
cables (>10 cm).
Good digital grounds (pins 14, 28) and power supply decoupling
(pins 6, 9, 20, 23) will insure that I
CC (<400 mA peak) switching
currents do not generate localized ground bounce. Therefore it is
recommended that each display package use a 0.1 µF and 20 µF
capacitor between V
CC and ground.
When the internal MUX Clock is being used connect the CLKSEL
pin to V
CC. In those applications where RESET will not be con-
nected to the system’s reset control, it is recommended that this
pin be connected to the center node of a series 0.1 µF and 100 k
Ω
RC network. Thus upon initial power up the RESET will be held
low for 10 ms allowing adequate time for the system power supply
to stabilize.
The SCD5510XA allows up to 1.7 W of power dissipation at 70°
and 1.29 W power dissipation at a maximum operating tempera-
ture of 85°C. Approximately 60% of this power is dissipated by the
IC to the PC board via the V
CC connection (pins 6, 9, 20, 23). Opti-
mum thermal reliability is obtained by connecting all of the V
CC
pins to a common pad located on both sides of the PC board. This
technique offers a low thermal resistance for IC to system ambi-
ent.
ESD Protection
The input protection structure of the SCD55100A/1A/2A/3A/4A
provides significant protection against ESD damage. It is capable
of withstanding discharges greater than 2.0 kV. Take all the stan-
dard precautions, normal for CMOS components. These include
properly grounding personnel, tools, tables, and transport carriers
that come in contact with unshielded parts. If these conditions are
not, or cannot be met, keep the leads of the device shorted
together or the parts in anti-static packaging.
Soldering Considerations
The SCD55100A/1A/2A/3A/4A can be hand soldered with SN63
solder using a grounded iron set to 260°C.
Wave soldering is also possible following these conditions: Pre-
heat that does not exceed 93°C on the solder side of the PC board
or a package surface temperature of 85°C. Water soluble organic
acid flux (except carboxylic acid) or rosin-based RMA flux without
alcohol can be used.
Wave temperature of 245°C ± 5°C with a dwell between 1.5 sec. to
3.0 sec. Exposure to the wave should not exceed temperatures
above 260°C for five seconds at 1.59 mm (0.063") below the seat-
ing plane. The packages should not be immersed in the wave.
Post Solder Cleaning Procedures
The least offensive cleaning solution is hot D.I. water (60°C) for
less than 15 minutes. Addition of mild saponifiers is acceptable. Do
not use commercial dishwasher detergents.
For faster cleaning, solvents may be used. Exercise care in choos-
ing solvents as some may chemically attack the nylon package.
Maximum exposure should not exceed two minutes at elevated tem-
peratures. Acceptable solvents are TF (trichlorotrifluorethane), TA,
111 Trichloroethane, and unheated acetone.
(1)
Note:
1)
Acceptable commercial solvents are: Basic TF, Arklone, P.
Genesolv,
D. Genesolv DA, Blaco-Tron TF and Blaco-Tron TA.
Unacceptable solvents contain alcohol, methanol, methylene
chloride, ethanol, TP35, TCM, TMC, TMS+, TE, or TES. Since
many commercial mixtures exist, contact a solvent vendor for
chemical composition information. Some major solvent manufac-
turers are: Allied Chemical Corporation, Specialty Chemical Divi-
sion, Morristown, NJ; Baron-Blakeslee, Chicago, IL; Dow
Chemical, Midland, MI; E.I. DuPont de Nemours & Co., Wilming-
ton, DE.
IDXX5188
Row 0
Row 1
Row 2
Row 3
Row 4
01 2 3 4
Columns
Load Row 0
Load
4
Row 4
Columns
1
0
2 3
Row 3
Row 1
Row 0
Row 2
Load Row 1
Columns
Row 4
1
0
2
4
3
Load Row 2
Row 2
Row 1
Row 3
Row 0
Row 4
0
Columns
2
13 4
Load Row 3
Row 0
Row 3
Row 1
Row 2
Row 4
Columns
01 2
4
3
Row 2
Row 1
Row 3
Row 0
Load Row 4
Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com