Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SCD55104A Datasheet HTML 2Page - OSRAM GmbH SCD55104A Datasheet HTML 3Page - OSRAM GmbH SCD55104A Datasheet HTML 4Page - OSRAM GmbH SCD55104A Datasheet HTML 5Page - OSRAM GmbH SCD55104A Datasheet HTML 6Page - OSRAM GmbH SCD55104A Datasheet HTML 7Page - OSRAM GmbH SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH SCD55104A Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
2006-02-20
6
Dot Matrix Format
mm (inch)
Pin Assignment
Pin
Function
Pin
Function
1
SDCLK
28
GND
2
LOAD
27
DATA
3
NC
26
NC
4
NC
25
NC
5
NC
24
NC
6
V
CC
23
V
CC
7
NP
22
NP
8
NP
21
NP
9
V
CC
20
V
CC
10
NC
19
V
CC
11
NC
18
NC
12
NC
17
NC
13
RST
16
CLKSEL
14
GND
15
CLK I/O
Switching Specifications
(over operating temperature range and V
CC=4.5 V to 5.5 V)
Symbol
Description
Min.
Units
TRC
Reset Active Time
600
ns
TLDS
Load Setup Time
50
ns
TDS
Data Setup Time
50
ns
TSDCLK
Clock Period
200
ns
TSDCW
Clock Width
70
ns
TLDH
Load Hold Time
0
ns
TDH
Data Hold Time
25
ns
TWR
Total Write Time
2.2
µs
TBL
Time Between Loads
600
ns
Note: T
SDCW is the minimum time the SDCLK may be low or high.
The SDCLK period must be a minimum of 200 ns.
IDOD5212
C0 C1 C2 C3 C4
R0
R1
R3
R4
R5
0.56 (0.022) typ.
2.03 (0.080)
Tolerance: ±0.25 (0.010)
Pin Definitions
Pin
Function
Definitions
1
SDCLK
Loads data into the 8-bit serial data register
on a low to high transition.
2
LOAD
Low input enables data clocking into 8-bit
serial shift register. When LOAD goes high,
the contents of 8-bit serial Shift Register will
be decoded.
3
NC
No connection
4
NC
No connection
5
NC
No connection
6
V
CC
Power supply/heat sink
7
NP
No pin
8
NP
No pin
9
V
CC
Power supply/heat sink
10
NC
No connection
11
NC
No connection
12
NC
No connection
13
RST
Asynchronous input, when low will clear the
Multiplex Counter, User RAM and Data
Register. Control Word Register is set to
100% brightness and the Address Register is
set to select Digit 0. The display is blanked.
14
GND
Power supply ground
15
CLK I/O
Outputs master clock or inputs external clock.
16
CLKSEL
H=internal clock, L=external clock
17
NC
No connection
18
NC
No connection
19
V
CC
Power supply/heat sink
20
V
CC
Power supply/heat sink
21
NP
No pin
22
NP
No pin
23
V
CC
Power supply/heat sink
24
NC
No connection
25
NC
No connection
26
NC
No connection
27
DATA
Serial data input
28
GND
Power supply ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com