Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 4 Page - OSRAM GmbH

  SCD55104A Datasheet HTML 1Page - OSRAM GmbH SCD55104A Datasheet HTML 2Page - OSRAM GmbH SCD55104A Datasheet HTML 3Page - OSRAM GmbH SCD55104A Datasheet HTML 4Page - OSRAM GmbH SCD55104A Datasheet HTML 5Page - OSRAM GmbH SCD55104A Datasheet HTML 6Page - OSRAM GmbH SCD55104A Datasheet HTML 7Page - OSRAM GmbH SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2006-02-20
4
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
Data Write Cycle
Instruction Cycle
Maximum Power Dissipation vs. Temperature
LOAD
DATA
SDCLK
TSDCW
TSDCLK Period
TLDS
TDS
TDH
TLDH
3.5 V
1.5 V
3.5 V
1.5 V
3.5 V
1.5 V
TSDCW
TWR
OR
LOAD
SDCLK
DATA
LOAD
SDCLK
DATA
TBL
D0
D7
D6
D5
D4
D3
D2
D1
D0
D0
D7
D6
D5
D4
D3
D2
D1
D0
IDDG5332
-40
0
P
W
˚C
TA
1.0
2.0
3.0
4.0
θ
JA = 31 ˚C/W
D
0.5
1.5
2.5
3.5
-20
0
20
40
60
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com