Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 13 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button SCD55104A Datasheet HTML 9Page - OSRAM GmbH SCD55104A Datasheet HTML 10Page - OSRAM GmbH SCD55104A Datasheet HTML 11Page - OSRAM GmbH SCD55104A Datasheet HTML 12Page - OSRAM GmbH SCD55104A Datasheet HTML 13Page - OSRAM GmbH SCD55104A Datasheet HTML 14Page - OSRAM GmbH SCD55104A Datasheet HTML 15Page - OSRAM GmbH SCD55104A Datasheet HTML 16Page - OSRAM GmbH SCD55104A Datasheet HTML 17Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
2006-02-20
13
SCD5510XA Interface with Motorola 68HC05C4 Microprocessor
(using SPI port)
Cascading Multiple Displays
Multiple displays can be cascaded using the CLKSEL and CLK I/O pins as shown below. The display designated as the Master Clock
source should have its CLKSEL pin tied high and the slaves should have their CLKSEL pins tied low. All CLK I/O pins should be tied
together. One display CLK I/O can drive 15 slave CLK I/Os. Use RST to synchronize all display counters.
Cascading Multiple Displays
IDCD5223
CC
V
40
32
33
10
11
MOSI
SCLK
PA1
PA0
PA2
RST
68HC05C4
OSC2
U1
OSC1
CC
V
20
9
1
39
38
CC
V
16
14
SD
CLK LOAD
12
6
13
9
DATA
SCD
Master
28
27
23
19
20
CC
V
TAN
22 µF
SCD
Slave
SD
CLK
1
LOAD
26
DATA
913
14
+
20
15
28
27
23
19
16
15
0.01 µF
IDCD5030
RST
CLK SEL
Intelligent Display
CC
V
DATA
SDCLK
LOAD
14 more displays
in between
DATA
SDCLK
Decoder
Address
Address Decode 1-14
A0
A1
A3
RST
CLK I/O
Intelligent Display
DATA
RST
SDCLK
CLK I/O
LOAD
CLK SEL
Chip
0
15
A2
LD
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com