Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SCD55104A Datasheet HTML 7Page - OSRAM GmbH SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH SCD55104A Datasheet HTML 10Page - OSRAM GmbH SCD55104A Datasheet HTML 11Page - OSRAM GmbH SCD55104A Datasheet HTML 12Page - OSRAM GmbH SCD55104A Datasheet HTML 13Page - OSRAM GmbH SCD55104A Datasheet HTML 14Page - OSRAM GmbH SCD55104A Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
2006-02-20
11
For further information refer to Appnotes 18 and 19 at www.osram-os.com
An alternative to soldering and cleaning the display modules is to use sockets. Naturally, 28 pin DIP sockets 7.62 mm (0.300") wide with
2.54 mm (0.100") centers work well for single displays. Multiple display assemblies are best handled by longer SIP sockets or DIP sockets
when available for uniform package alignment. Socket manufacturers are Aries Electronics, Inc., Frenchtown, NJ; Garry Manufacturing,
New Brunswick, NJ; Robinson-Nugent, New Albany, IN; and Samtec Electronic Hardward, New Albany, IN.
For further information refer to Appnote 22 at www.osram-os.com
Optical Considerations
The 3.683 mm (0.145") high character of the SCD5510XA gives readability up to eight feet. Proper filter selection enhances readability
over this distance.
Using filters emphasizes the contrast ratio between a lit LED and the character background. This will increase the discrimination of differ-
ent characters. The only limitation is cost. Take into consideration the ambient lighting environment for the best cost/benefit ratio for filters.
Incandescent (with almost no green) or fluorescent (with almost no red) lights do not have the flat spectral response of sunlight. Plastic
band-pass filters are an inexpensive and effective way to strengthen contrast ratios. The SCD5510A/2A are red/high efficiency red dis-
plays and should be matched with long wavelength pass filter in the 570 nm to 590 nm range. The SCD55103A/4A should be matched
with a yellow-green band-pass filter that peaks at 565 nm. For displays of multiple colors, neutral density grey filters offer the best compro-
mise.
SCD Interface with Siemens/Intel 8031 Microprocessor
(using serial port in mode 0)
IDCD5221
XTAL2
RxD
18
10
19
XTAL1
RST
9
17
P3.7
13
P3.3
P3.4
14
8031
U1
TxD
11
CLK LOAD
DATA
CC
V
40
SCD
CC
V
VCC
1
Master
CC
V
SD
26
913
14
28
27
23
20
19
16
15
15
DATA
LOAD
2
CLK
1
SD
6
9
13
14
Slave
SCD
27
28
23
20
19
16
TAN
0.01 µF
+
22 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com