Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD55104A Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SCD55104A
Description  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH SCD55104A Datasheet HTML 10Page - OSRAM GmbH SCD55104A Datasheet HTML 11Page - OSRAM GmbH SCD55104A Datasheet HTML 12Page - OSRAM GmbH SCD55104A Datasheet HTML 13Page - OSRAM GmbH SCD55104A Datasheet HTML 14Page - OSRAM GmbH SCD55104A Datasheet HTML 15Page - OSRAM GmbH SCD55104A Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2006-02-20
12
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
Additional contrast enhancement is gained by shading the displays. Plastic band-pass filters with built-in louvers offer the next step up in
contrast improvement. Plastic filters can be improved further with anti-reflective coatings to reduce glare. The trade-off is fuzzy characters.
Mounting the filters close to the display reduces this effect. Take care not to overheat the plastic filter by allowing for proper air flow.
Optimal filter enhancements are gained by using circular polarized, anti-reflective, band-pass filters. The circular polarizing further
enhances contrast by reducing the light that travels through the filter and reflects back off the display to less than 1%.
Several filter manufacturers supply quality filter materials. Some of them are: Panelgraphic Corporation, W. Caldwell, NJ; SGL Homalite,
Wilmington, DE; 3M Company, Visual Products Division, St. Paul, MN; Polaroid Corporation, Polarizer Division, Cambridge, MA; Marks
Polarized Corporation, Deer Park, NY, Hoya Optics, Inc., Fremont, CA.
One last note on mounting filters: recessing displays and bezel assemblies is an inexpensive way to provide a shading effect in overhead
lighting situations. Several Bezel manufacturers are: R.M.F. Products, Batavia, IL; Nobex Components, Griffith Plastic Corp., Burlingame,
CA; Photo Chemical Products of California, Santa Monica, CA; I.E.E.–Atlas, Van Nuys, CA.
Microprocessor Interface
The microprocessor interface is through the serial port, SPI port or one out of eight data bits on the eight bit parallel port and also control
lines SDCLK and LOAD.
Power Up Sequence
Upon power up display will come on at random. Thus the display should be reset at power-up. The reset will set the Address Register to
Digit 0, User RAM is set to 0 (display blank) the Control Word is set to 0 (100% brightness with Lamp Test off) and the internal counters are
reset.
SCD5510XA Interface with Siemens/Intel 8031 Microprocessor
CC
V
40
39
16
11
10
P0.0
P3.6
P3.1
P3.0
P1.0
RST
8031
XTAL1
U1
XTAL2
CC
V
20
9
1
19
18
CC
V
20
Slave
CC
23
LOAD
CLK
SD
1
2
28
DATA
27
V
15
Master
13
69
14
19
SCD
20
16
CLK
1
SD
LOAD
26
27
28
DATA
23
14
13
9
16
SCD
19
15
22 µF
+
TAN
0.01 µF
IDCD5222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com