Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 161Page - STMicroelectronics STM32L4R5VG Datasheet HTML 162Page - STMicroelectronics STM32L4R5VG Datasheet HTML 163Page - STMicroelectronics STM32L4R5VG Datasheet HTML 164Page - STMicroelectronics STM32L4R5VG Datasheet HTML 165Page - STMicroelectronics STM32L4R5VG Datasheet HTML 166Page - STMicroelectronics STM32L4R5VG Datasheet HTML 167Page - STMicroelectronics STM32L4R5VG Datasheet HTML 168Page - STMicroelectronics STM32L4R5VG Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 306 page
background image
Table 39. Typical current consumption in Run and Low-power run modes with different codes
running from Flash, ART disable and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
-
VDD12
fHCLK
Code
25°C
25°C
25°C
25°C
IDD
(Run)
Supply
current in
Run mode
fHCLK=fHSE up to
48 MHZ
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
VDD12=
1.05V
fHCLK=
26 MHz
Reduced code
1.57
1.61
mA
60
62
µA/MHz
Coremark
1.63
1.49
63
57
Dhrystone2.1
1.73
1.57
67
60
Fibonacci
1.49
1.41
57
54
While(1)
1.24
1.24
48
48
VDD12=
1.10V
fHCLK=
26 MHz
Reduced code
1.73
1.77
mA
66
68
µA/MHz
Coremark
1.79
1.64
69
63
Dhrystone2.1
1.90
1.73
73
66
Fibonacci
1.64
1.55
63
60
While(1)
1.36
1.36
52
52
fHCLK=
80 MHz
Reduced code
4.67
4.67
mA
58
58
µA/MHz
Coremark
4.67
4.31
58
54
Dhrystone2.1
5.03
4.49
63
56
Fibonacci
4.13
3.95
52
49
While(1)
3.77
3.77
47
47
IDD
(Run)
Supply
current in
Run mode
fHCLK=fHSE up to
48 MHZ
included, bypass
mode PLL ON
above 48 MHz
all peripherals
disable
VDD12=
1.20V
fHCLK=
120
MHz
Reduced code
7.4
6.8
mA
62
57
µA/MHz
Coremark
7.2
6.4
60
53
Dhrystone 2.1
7.6
6.6
64
55
Fibonacci
6.4
6.0
53
50
While(1)
6.6
6.6
55
55
1.
All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com