Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 162Page - STMicroelectronics STM32L4R5VG Datasheet HTML 163Page - STMicroelectronics STM32L4R5VG Datasheet HTML 164Page - STMicroelectronics STM32L4R5VG Datasheet HTML 165Page - STMicroelectronics STM32L4R5VG Datasheet HTML 166Page - STMicroelectronics STM32L4R5VG Datasheet HTML 167Page - STMicroelectronics STM32L4R5VG Datasheet HTML 168Page - STMicroelectronics STM32L4R5VG Datasheet HTML 169Page - STMicroelectronics STM32L4R5VG Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 306 page
background image
Table 40. Typical current consumption in Run and Low-power run modes, with different codes
running from SRAM1
Symbol
Parameter
Conditions
Code
TYP
Unit
TYP
Unit
-
Voltage
scaling
25°C
25°C
IDD (Run)
Supply current in
Run mode
fHCLK=fHSE up to 48
MHZ included, bypass
mode PLL ON above 48
MHz all peripherals
disable
Range2
fHCLK=26
MHz
Reduced code(1)
3.35
mA
129
µA/MHz
Coremark
3.10
119
Dhrystone2.1
3.65
140
Fibonacci
3.20
123
While(1)
2.85
110
Range 1
Normal
Mode
fHCLK= 80
MHz
Reduced code(1)
11.0
mA
138
µA/MHz
Coremark
10.5
131
Dhrystone2.1
12.5
156
Fibonacci
10.5
131
While(1)
9.40
118
Range 1
Boost
Mode
fHCLK= 120
MHz
Reduced code(1)
18.0
mA
150
µA/MHz
Coremark
16.5
138
Dhrystone2.1
19.5
163
Fibonacci
17.5
146
While(1)
15.0
125
IDD(LPRun)
Supply current in
Low-power run
fHCLK = fMSI = 2MHz all pripherals
disable
Reduced code(1)
435
µA
218
µA/MHz
Coremark
395
198
Dhrystone2.1
470
235
Fibonacci
425
213
While(1)
455
228
1. Reduced code used for characterization results provided in Table 26, Table 30, Table 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com