Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 167Page - STMicroelectronics STM32L4R5VG Datasheet HTML 168Page - STMicroelectronics STM32L4R5VG Datasheet HTML 169Page - STMicroelectronics STM32L4R5VG Datasheet HTML 170Page - STMicroelectronics STM32L4R5VG Datasheet HTML 171Page - STMicroelectronics STM32L4R5VG Datasheet HTML 172Page - STMicroelectronics STM32L4R5VG Datasheet HTML 173Page - STMicroelectronics STM32L4R5VG Datasheet HTML 174Page - STMicroelectronics STM32L4R5VG Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 306 page
background image
Table 45. Current consumption in Stop 2 mode, SRAM3 disabled
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD
(Stop 2)
Supply
current in
Stop 2 mode,
RTC disabled
-
1.8 V
2.50
9.10
36.5
84.0
185
7.70
30.0
120
270
580
µA
2.4 V
2.50
9.20
37.0
85.0
185
8.00
31.0
120
270
590
3 V
2.55
9.30
37.5
87.0
190
8.00
31.0
120
280
600
3.6 V
2.60
9.50
38.0
89.0
195
8.30
32.0
130
280
610
IDD(Stop 2
with RTC)
Supply
current in
STOP 2
mode,
RTC enabled
RTC clocked by LSI
1.8 V
2.75
9.45
36.5
84.5
185
8.30
31.0
120
270
580
2.4 V
2.90
9.60
37.0
85.5
185
8.50
32.0
120
270
590
3 V
3.05
9.85
38.0
87.0
190
8.60
32.0
120
280
600
3.6 V
3.20
10.0
38.5
89.5
195
9.00
33.0
130
280
610
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
2.95
9.65
37.0
84.5
185
7.80
25.0
93.0
220
470
2.4 V
3.05
9.85
37.5
86.0
185
7.90
25.0
94.0
220
470
3 V
3.25
10.0
38.0
87.5
190
8.10
25.0
95.0
220
480
3.6 V
3.55
10.5
39.0
90.0
195
8.50
27.0
98.0
230
490
RTC clocked by LSE
quartz in low drive mode
1.8 V
2.80
9.30
36.0
84.5
-
7.60
24.0
90.0
220
-
2.4 V
2.90
9.45
36.5
85.5
-
7.70
24.0
92.0
220
-
3 V
3.05
9.65
37.0
87.0
-
7.90
25.0
93.0
220
-
3.6 V
3.15
9.95
38.0
89.0
-
8.00
25.0
95.0
230
-
IDD(wakeu
p from
Stop 2)
Supply
current during
wakeup from
Stop 2 mode
Wakeup clock is MSI = 48
MHz, voltage Range 1(2)
3 V
3.55
---
----
--
mA
Wakeup clock is MSI = 4
MHz, voltage Range 2(2)
3 V
1.25
---
----
--
Wakeup clock is HSI = 16
MHz, voltage Range 1(2)
3 V
2.90
---
----
--
1. Guaranteed by characterization results, unless otherwise specified.
2. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 53: Low-power mode wakeup timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com