Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 168Page - STMicroelectronics STM32L4R5VG Datasheet HTML 169Page - STMicroelectronics STM32L4R5VG Datasheet HTML 170Page - STMicroelectronics STM32L4R5VG Datasheet HTML 171Page - STMicroelectronics STM32L4R5VG Datasheet HTML 172Page - STMicroelectronics STM32L4R5VG Datasheet HTML 173Page - STMicroelectronics STM32L4R5VG Datasheet HTML 174Page - STMicroelectronics STM32L4R5VG Datasheet HTML 175Page - STMicroelectronics STM32L4R5VG Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 306 page
background image
Table 46. Current consumption in Stop 2 mode, SRAM3 enabled
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD 25°C 55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD(Stop 2)
Supply current
in Stop 2
mode,
RTC disabled
-
1.8 V
3.90
15.0
59.5
140
310
13.0
52.0
210
480
1100
µA
2.4 V
3.95
15.0
60.0
140
310
14.0
53.0
210
480
1100
3 V
3.95
15.0
60.5
145
315
14.0
53.0
210
480
1100
3.6 V
3.95
15.0
61.5
145
320
14.0
54.0
210
490
1100
IDD(Stop 2
with RTC)
Supply current
in STOP 2
mode,
RTC enabled
RTC clocked by LSI
1.8 V
4.10
15.0
60.5
140
310
11.0
53.0
210
480
1100
2.4 V
4.25
15.5
60.5
145
315
12.0
54.0
210
480
1100
3 V
4.50
15.5
61.5
145
320
12.0
54.0
210
480
1100
3.6 V
4.70
16.0
62.5
145
325
12.0
56.0
220
490
1100(2)
RTC clocked by LSE
bypassed at 32768 Hz
1.8 V
4.35
15.5
61.0
140
310
9.50
39.0
160
350
780
2.4 V
4.50
15.5
61.0
145
315
9.60
39.0
160
370
790
3 V
4.70
16.0
62.0
145
320
9.90
40.0
160
370
800
3.6 V
4.80
16.5
63.0
145
325
10.0
42.0
160
370
820
RTC clocked by LSE
quartz in low drive mode
1.8 V
4.30
15.5
63.5
150
-
9.40
39.0
160
380
-
2.4 V
4.40
16.0
64.0
150
-
9.50
40.0
160
380
-
3 V
4.45
16.0
64.5
150
-
9.60
40.0
170
380
-
3.6 V
4.85
16.5
65.5
155
-
11.0
42.0
170
390
-
IDD(wakeup
from Stop 2)
Supply current
during wakeup
from Stop 2
mode
Wakeup clock is MSI = 48
MHz, voltage Range 1(3)
3 V
3.80
-----
----
mA
Wakeup clock is MSI = 4
MHz, voltage Range 2(3)
3 V
1.30
-----
----
Wakeup clock is HSI = 16
MHz, voltage Range 1(3)
3 V
2.95
-----
----
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
3. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 53: Low-power mode wakeup timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com