Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 185 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 185 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 181Page - STMicroelectronics STM32L4R5VG Datasheet HTML 182Page - STMicroelectronics STM32L4R5VG Datasheet HTML 183Page - STMicroelectronics STM32L4R5VG Datasheet HTML 184Page - STMicroelectronics STM32L4R5VG Datasheet HTML 185Page - STMicroelectronics STM32L4R5VG Datasheet HTML 186Page - STMicroelectronics STM32L4R5VG Datasheet HTML 187Page - STMicroelectronics STM32L4R5VG Datasheet HTML 188Page - STMicroelectronics STM32L4R5VG Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 306 page
background image
DocID030321 Rev 3
185/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
6.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 53 are the latency between the event and the execution of
the first user instruction.
The device goes in low-power mode after the WFE (Wait For Event) instruction.
Table 53. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time
from Sleep
mode to Run
mode
-6
6
Nb of
CPU
cycles
tWULPSLEEP
Wakeup time
from Low-
power sleep
mode to Low-
power run
mode
Wakeup in Flash with Flash in power-down
during low-power sleep mode (SLEEP_PD=1
in FLASH_ACR) and with clock MSI = 2 MHz
79
tWUSTOP0
Wake up time
from Stop 0
mode to Run
mode in
Flash
Range 1
Wakeup clock MSI = 48 MHz
9.1
9.8
µs
Wakeup clock HSI16 = 16 MHz
8.5
9.0
Range 2
Wakeup clock MSI = 24 MHz
18.8
19.7
Wakeup clock HSI16 = 16 MHz
17.6
18.3
Wakeup clock MSI = 4 MHz
23.9
25.7
Wake up time
from Stop 0
mode to Run
mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
1.9
2.5
Wakeup clock HSI16 = 16 MHz
2.6
2.9
Range 2
Wakeup clock MSI = 24 MHz
2.6
3.1
Wakeup clock HSI16 = 16 MHz
2.6
3.0
Wakeup clock MSI = 4 MHz
10.0
11.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com