Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 182Page - STMicroelectronics STM32L4R5VG Datasheet HTML 183Page - STMicroelectronics STM32L4R5VG Datasheet HTML 184Page - STMicroelectronics STM32L4R5VG Datasheet HTML 185Page - STMicroelectronics STM32L4R5VG Datasheet HTML 186Page - STMicroelectronics STM32L4R5VG Datasheet HTML 187Page - STMicroelectronics STM32L4R5VG Datasheet HTML 188Page - STMicroelectronics STM32L4R5VG Datasheet HTML 189Page - STMicroelectronics STM32L4R5VG Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
186/306
DocID030321 Rev 3
tWUSTOP1
Wake up time
from Stop 1
mode to Run in
Flash
Range 1
Wakeup clock MSI = 48 MHz
12.6
14.5
µs
Wakeup clock HSI16 = 16 MHz
12.2
14.0
Range 2
Wakeup clock MSI = 24 MHz
22.1
24.1
Wakeup clock HSI16 = 16 MHz
21.3
23.3
Wakeup clock MSI = 4 MHz
25.1
27.1
Wake up time
from Stop 1
mode to Run
mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
5.3
7.0
Wakeup clock HSI16 = 16 MHz
6.2
8.0
Range 2
Wakeup clock MSI = 24 MHz
5.8
7.5
Wakeup clock HSI16 = 16 MHz
6.2
8.0
Wakeup clock MSI = 4 MHz
10.9
12.6
Wake up time
from Stop 1
mode to Low-
power run
mode in Flash
Regulator
in low-
power
mode
(LPR=1 in
PWR_CR1
)
Wakeup clock MSI = 2 MHz
20.4
22.4
Wake up time
from Stop 1
mode to Low-
power run
mode in
SRAM1
16.8
19.0
tWUSTOP2
Wake up time
from Stop 2
mode to Run
mode in
Flash
Range 1
Wakeup clock MSI = 48 MHz
13.1
14.8
µs
Wakeup clock HSI16 = 16 MHz
12.6
14.4
Range 2
Wakeup clock MSI = 24 MHz
22.6
24.6
Wakeup clock HSI16 = 16 MHz
21.7
23.7
Wakeup clock MSI = 4 MHz
25.8
27.9
Wake up time
from Stop 2
mode to Run
mode in
SRAM1
Range 1
Wakeup clock MSI = 48 MHz
5.8
7.5
Wakeup clock HSI16 = 16 MHz
6.9
8.5
Range 2
Wakeup clock MSI = 24 MHz
6.4
8.0
Wakeup clock HSI16 = 16 MHz
6.9
8.5
Wakeup clock MSI = 4 MHz
11.9
13.6
Table 53. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com