Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 253 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 253 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 249Page - STMicroelectronics STM32L4R5VG Datasheet HTML 250Page - STMicroelectronics STM32L4R5VG Datasheet HTML 251Page - STMicroelectronics STM32L4R5VG Datasheet HTML 252Page - STMicroelectronics STM32L4R5VG Datasheet HTML 253Page - STMicroelectronics STM32L4R5VG Datasheet HTML 254Page - STMicroelectronics STM32L4R5VG Datasheet HTML 255Page - STMicroelectronics STM32L4R5VG Datasheet HTML 256Page - STMicroelectronics STM32L4R5VG Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 306 page
background image
DocID030321 Rev 3
253/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
USB OTG full speed (FS) characteristics
The device’s USB interface is fully compliant with the USB specification version 2.0 and is
USB-IF certified (for Full-speed device operation).
Note:
When VBUS sensing feature is enabled, PA9 should be left at its default state (floating
input), not as alternate function. A typical 200 μA current consumption of the sensing block
(current to voltage conversion to determine the different sessions) can be observed on PA9
when the feature is enabled.
Table 103. USB electrical characteristics
Symbol
Parameter
Conditions
Min(1)
1. All the voltages are measured from the local ground potential.
Typ
Max(1)
Unit
VDDUSB
USB OTG full speed
transceiver operating
voltage
-3.0(2)
2. The STM32L4R5xx USB OTG full speed transceiver functionality is ensured down to 2.7 V but not the full
USB full speed electrical characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
-3.6
V
VDI(3)
3. Guaranteed by design.
Differential input sensitivity
Over VCM
range
0.2
-
-
VCM(3)
Differential input common
mode range
Includes VDI
range
0.8
-
2.5
VSE(3)
Single ended receiver input
threshold
-
0.8
-
2.0
VOL
Static output level low
RL of 1.5 kΩ to
3.6 V(4)
4. RL is the load connected on the USB OTG full speed drivers.
--
0.3
VOH
Static output level high
RL of 15 kΩ to
3.6 V(4)
2.8
-
3.6
RPD(3)
Pull down resistor on PA11,
PA12 (USB_FS_DP/DM)
VIN = VDD
14.25
-
24.8
kΩ
RPU(3)
Pull Up Resistor on PA12
(USB_FS_DP)
VIN = VSS
during idle
0.9
1.25
1.575
Pull Up Resistor on PA12
(USB_FS_DP)
VIN = VSS
during reception
1.425
2.25
3.09
Pull Up Resistor on PA10
(OTG_FS_ID)
--
-
14.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com