Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 254 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 254 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 250Page - STMicroelectronics STM32L4R5VG Datasheet HTML 251Page - STMicroelectronics STM32L4R5VG Datasheet HTML 252Page - STMicroelectronics STM32L4R5VG Datasheet HTML 253Page - STMicroelectronics STM32L4R5VG Datasheet HTML 254Page - STMicroelectronics STM32L4R5VG Datasheet HTML 255Page - STMicroelectronics STM32L4R5VG Datasheet HTML 256Page - STMicroelectronics STM32L4R5VG Datasheet HTML 257Page - STMicroelectronics STM32L4R5VG Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
254/306
DocID030321 Rev 3
Figure 48. USB OTG timings – definition of data signal rise and fall time
Table 104. USB OTG electrical characteristics(1)
1. Guaranteed by design
Driver characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
trLS
Rise time in LS(2)
2. Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB
Specification - Chapter 7 (version 2.0).
CL = 200 to 600 pF
75
300
ns
tfLS
Fall time in LS(2)
trfmLS
Rise/ fall time matching in LS
tr / tf
80
125
%
trFS
Rise time in FS(2)
CL = 50 pF
420
ns
tfFS
Fall time in FS(2)
CL = 50 pF
trfmFS
Rise/ fall time matching in FS
tr / tf
90
111
%
VCRS
Output signal crossover voltage
(LS/FS)
-1.3
2.0
V
ZDRV
Output driver impedance(3)
3. No external termination series resistors are required on DP (D+) and DM (D-) pins since the matching
impedance is included in the embedded driver.
Driving high or low
28
44
Ω
Table 105. USB BCD DC electrical characteristics(1)
Driver characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD(USBBCD)
Primary detection mode
consumption
--
-
300
μA
Secondary detection mode
consumption
--
-
RDAT_LKG
Data line leakage resistance
-
300
-
-
kΩ
VDAT_LKG
Data line leakage voltage
-
0.0
-
3.6
V
RDCP_DAT
Dedicated charging port
resistance across D+/D-
--
-
200
Ω
VLGC_HI
Logic high
-
2.0
-
3.6
V
VLGC_LOW
Logic low
-
-
-
0.8
V
ai14137b
Cross over
points
Differential
data lines
VCRS
VSS
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com