Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 261 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 261 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 257Page - STMicroelectronics STM32L4R5VG Datasheet HTML 258Page - STMicroelectronics STM32L4R5VG Datasheet HTML 259Page - STMicroelectronics STM32L4R5VG Datasheet HTML 260Page - STMicroelectronics STM32L4R5VG Datasheet HTML 261Page - STMicroelectronics STM32L4R5VG Datasheet HTML 262Page - STMicroelectronics STM32L4R5VG Datasheet HTML 263Page - STMicroelectronics STM32L4R5VG Datasheet HTML 264Page - STMicroelectronics STM32L4R5VG Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 306 page
background image
DocID030321 Rev 3
261/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
Figure 52. Asynchronous multiplexed PSRAM/NOR write waveforms
Table 112. Asynchronous multiplexed PSRAM/NOR write timings(1)(2)
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
5THCLK-0.5
5THCLK+1
ns
tv(NWE_NE) FMC_NEx low to FMC_NWE low
THCLK-0.5
THCLK+1
tw(NWE)
FMC_NWE low time
2THCLK-0.5
2THCLK+0.5
th(NE_NWE) FMC_NWE high to FMC_NE high hold time
2THCLK-0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
3
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
1
tw(NADV)
FMC_NADV low time
THCLK+0.5
THCLK+1.5
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high
THCLK-3
-
th(A_NWE)
Address hold time after FMC_NWE high
0
-
th(BL_NWE) FMC_BL hold time after FMC_NWE high
2THCLK-0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
THCLK
tv(Data_NADV) FMC_NADV high to Data valid
-
THCLK+2
th(Data_NWE) Data hold time after FMC_NWE high
2THCLK+0.5
-
NBL
Data
FMC_ NEx
FMC_ NBL[1:0]
FMC_ AD[15:0]
tv(BL_NE)
th(Data_NWE)
FMC_NOE
Address
FMC_ A[25:16]
tv(A_NE)
tw(NWE)
FMC_NWE
tv(NWE_NE)
t h(NE_NWE)
th(A_NWE)
th(BL_NWE)
t v(A_NE)
tw(NE)
MS32756V1
Address
FMC_NADV
t v(NADV_NE)
tw(NADV)
tv(Data_NADV)
th(AD_NADV)
FMC_NWAIT
tsu(NWAIT_NE)
th(NE_NWAIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com