Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 262 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 262 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 258Page - STMicroelectronics STM32L4R5VG Datasheet HTML 259Page - STMicroelectronics STM32L4R5VG Datasheet HTML 260Page - STMicroelectronics STM32L4R5VG Datasheet HTML 261Page - STMicroelectronics STM32L4R5VG Datasheet HTML 262Page - STMicroelectronics STM32L4R5VG Datasheet HTML 263Page - STMicroelectronics STM32L4R5VG Datasheet HTML 264Page - STMicroelectronics STM32L4R5VG Datasheet HTML 265Page - STMicroelectronics STM32L4R5VG Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
262/306
DocID030321 Rev 3
Synchronous waveforms and timings
Figure 53 through Figure 56 represent synchronous waveforms and Table 114
through Table 117 provide the corresponding timings. The results shown in these
tables are obtained with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable
•
MemoryType = FMC_MemoryType_CRAM
•
WriteBurst = FMC_WriteBurst_Enable
•
CLKDivision = 1
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
In all timing tables, the THCLK is the HCLK clock period.
•
For 2.7 V ≤ VDD ≤ 3.6 V, maximum FMC_CLK = 60 MHz for CLKDIV = 0x1 and 54 MHz
for CLKDIV = 0x0 at CL = 30 pF (on FMC_CLK).
•
For 1.71 V ≤ VDD ≤ 2.7 V, maximum FMC_CLK = 60 MHz for CLKDIV = 0x1 and
32 MHz for CLKDIV = 0x0 at CL= 20 pF (on FMC_CLK).
1. CL = 30 pF.
2. Guaranteed by characterization results.
Table 113. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
10THCLK-0.5
10THCLK+1
ns
tw(NWE)
FMC_NWE low time
7THCLK-0.5
7THCLK+0.5
tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high
7THCLK+12.5
-
th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid
5THCLK+13
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com