Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39-R3 Datasheet HTML 1Page - Omron Electronics LLC E39-R3 Datasheet HTML 2Page - Omron Electronics LLC E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
1
Sensing distance
Supply voltage
Output
100 mA
12 to 24 VDC
(Optical fiber series)
Optical Fiber Photoelectric Sensor
E3X
Leading-edge Features and
Long-distance Sensing in an Optical
Fiber Photoelectric Sensor
E3X-T
jj with Auto-tuning Function
Automatic Sensitivity Adjustment
E3X-H11 High-sensitivity Model
Senses Distances Twice as Far as those of
E3X-A
jj and Performs Detailed Sensing
Operations Using the Variable Hysteresis
Function
E3X-A
jj Standard Model
A High-speed Response of 200
µs
E3X-F
jj High-speed Model
Pulse Lighting Mechanism Enables a
High-speed Response of 20
µs
E3X-VG
jj Mark Sensor Model
Green Light Source Accurately Senses Subtle
Differences in Color at a Speed of 200
ms
Ordering Information
Model Number Legend:
E3X -
1
234
1. Classification
T: Auto-tuning
H: High-sensitivity
A: General-purpose
F: Shorter response time
V: For mark sensor
2. Light Source
None: Red (standard)
G:
Green
3. Outputs
1: NPN (without self-diagnosis)
2: NPN (with self-diagnosis)
4: PNP (without self-diagnosis)
5: PNP (with self-diagnosis)
4. Output Form
1: Cable
Accessories (Order Separately)
(Cannot be used with the E3X-T
jj.)


Similar Part No. - E39-R3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E39-R3 ETC-E39-R3 Datasheet
329Kb / 8P
Built-in power supply photoelectric sensor
logo
Omron Electronics LLC
E39-R3 OMRON-E39-R3 Datasheet
296Kb / 10P
Miniature DC Sensor with Built-in Amplifier Offers Vertical or Horizontal Single-Screw Mounting
E39-R3 OMRON-E39-R3 Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
E39-R3 OMRON-E39-R3 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E39-R3 OMRON-E39-R3 Datasheet
920Kb / 13P
Built-in Power Supply Photoelectric Sensor
2010.10
More results

Similar Description - E39-R3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
Fine Tuning Fiber Photoelectric Sensor
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
Teaching Optical Fiber Photoelectric Sensor
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
Fiber-Optic Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
Optical Fiber Glossy Object Sensor
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
Photoelectric Sensor
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
PHOTOELECTRIC SENSOR
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
OPTICAL FIBER SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com