Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 27Page - Omron Electronics LLC E39-R3 Datasheet HTML 28Page - Omron Electronics LLC E39-R3 Datasheet HTML 29Page - Omron Electronics LLC E39-R3 Datasheet HTML 30Page - Omron Electronics LLC E39-R3 Datasheet HTML 31Page - Omron Electronics LLC E39-R3 Datasheet HTML 32Page - Omron Electronics LLC E39-R3 Datasheet HTML 33Page - Omron Electronics LLC E39-R3 Datasheet HTML 34Page - Omron Electronics LLC E39-R3 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
E3X
E3X
31
Nomenclature
E3X-T
jj
E3X-H11
Note:
Set the mode selector to L-ON or D-ON after the
light axis is adjusted.
Stable Operation
Indicator (Green
Indicator)
Light Reception
Indicator (Red In-
dicator)
8-turn Sensitivity
Adjuster
Sensitivity Indicator
Sensitivity adjustment
can be checked visually.
E3X-A11/-A41
E3X-VG11
E3X-A21/-A51
E3X-F21/-F51
E3X-VG21
Stable Operation
Indicator (Green Indicator)
Tuning Indicator (Two
Colors: red/green indicator)
Tuning Button
Operation Mode Selector
L-ON: Output transistor is ON
when light is received.
D-ON: Output transistor is ON
when light is not received.
Light Reception
Indicator (Red
Indicator)
Mode Setting Selector
Timer Switch
ON: Timer function
is ON.
OFF: Timer function
is OFF.
Light Reception
Monitoring Terminal
(see note)
Monitoring is used
with the E39-VX
Beam Checker
Note:
The light reception monitoring terminal is not available with the E3X-T11.
Stable Operation
Indicator (Green Indicator)
Sensitivity Indicator
The position of the indicator
can be checked.
8-turn Sensitivity Adjuster
Mode Selector
SET:
The light source
flashes. Set to this
mode to adjust the
light axis.
L-ON: Output transistor is ON
when light is received.
D-ON: Output transistor is ON
when light is not re-
ceived.
Light Reception
Indicator (Red
Indicator)
Hysteresis Adjuster
Timer Switch
ON: Timer function
is ON.
OFF: Timer function
is OFF.
Light Reception
Monitoring Terminal
Monitoring is used
with the E39-VX Beam
Checker
Light Reception
Monitoring Terminal
Monitoring is used
with the E39-VX
Beam Checker
Mode Selector
SET:
The light source
flashes. Set to this
mode to adjust the
light axis.
L-ON: Output transistor is ON
when light is received.
D-ON: Output transistor is ON
when light is not re-
ceived.
Mode Selector
SET:
The light source
flashes. Set to this
mode to adjust the
light axis.
L-ON: Output transistor is ON
when light is received.
D-ON: Output transistor is ON
when light is not re-
ceived.
Timer Switch
ON: Timer function
is ON.
OFF: Timer function
is OFF.
Light Reception
Monitoring Terminal
Monitoring is used
with the E39-VX Beam
Checker
Stable Operation
Indicator (Green Indicator)
Sensitivity Indicator
8-turn Sensitivity
Adjuster
Light Reception
Indicator (Red
Indicator)
Timer Adjuster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com