Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E39-R3 Datasheet HTML 1Page - Omron Electronics LLC E39-R3 Datasheet HTML 2Page - Omron Electronics LLC E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
E3X
E3X
5
Model
Appearance
Sensing distance (standard object)*
(T: E3X-T
jj; H: E3X-H11; A: E3X-Ajj;
F: E3X-F
jj; V: E3X-VGjj)
Min. sensing object
(opaque objects)
Features
E32-TC200C
M4 screw
****
T: 200 mm (800 mm**) (1-mm dia. min.)
H: 300 mm (1,600 mm**) (1-mm dia. min.)
A: 150 mm (800 mm**) (1-mm dia. min.)
F: 60 mm (1-mm dia. min.)
V: 18 mm (100 mm) (1-mm dia. min.)
0.2-mm dia.
Flexible spiral cord
E32-TC200D
E32-TC200D4
M4 screw
****
T: 200 mm (1-mm dia. min.)
H: 300 mm (1-mm dia. min.)
A: 150 mm (1-mm dia. min.)
F: 60 mm (1-mm dia. min.)
V: 18 mm (1-mm dia. min.)
0.2-mm dia.
Flexible spiral cord
E32-T14L
3-mm dia.
T: 130 mm (1-mm dia. min.)
H: 240 mm (1-mm dia. min.)
A: 120 mm (1-mm dia. min.)
F: 30 mm (1-mm dia. min.)
V: 10 mm (1-mm dia. min.)
T: 0.3-mm dia.
H: 0.2-mm dia.
A: 0.1-mm dia.
F: 0.2-mm dia.
V: 0.1-mm dia.
Side-view;
long distance
E32-T24
1-mm dia.
T: 45 mm (0.5-mm dia. min.)
H: 90 mm (0.5-mm dia. min.)
A: 45 mm (0.5-mm dia. min.)
F: 15 mm (0.5-mm dia. min.)
V: 2 mm (0.5-mm dia. min.)
T: 0.2-mm dia.
H: 0.1-mm dia.
A: 0.1-mm dia.
F: 0.3-mm dia.
V: 0.2-mm dia.
Side-view;
save space
E32-T14
T: 1,000 mm (4-mm dia. min.)
H: 1,800 mm (4-mm dia. min.)
A: 900 mm (4-mm dia. min.)
F: 380 mm (4-mm dia. min.)
V: 80 mm (4-mm dia. min.)
T: 0.2-mm dia.
H: 1-mm dia.
A: 1-mm dia.
F: 0.2-mm dia.
V: 2-mm dia.
Side-view
E32-T17L
M4 screw
T: 7,000 mm (10-mm dia. min.)
H: 14,000 mm (10-mm dia. min.)
A: 7,000 mm (10-mm dia. min.)
F: 3,000 mm (10-mm dia. min.)
V: 800 mm (10-mm dia. min.)
T: 0.7-mm dia.
H: 2.1-mm dia.
A: 0.8-mm dia.
F: 1.5-mm dia.
V: 2.1-mm dia.
Long distance
E32-T12F
5-mm dia.
T: 1,000 mm (4-mm dia. min.)
H: 1,600 mm (4-mm dia. min.)
A: 800 mm (4-mm dia. min.)
F: 300 mm (4-mm dia. min.)
V: 70 mm (4-mm dia. min.)
T: 0.3-mm dia.
H: 0.7-mm dia.
A: 0.9-mm dia.
F: 0.7-mm dia.
V: 0.6-mm dia.
Teflon-covered*****;
withstands
chemicals and harsh
environments
E32-M21
M3 screw
****
T: 200 mm (2-mm dia. min.)
H: 300 mm (2-mm dia. min.)
A: 150 mm (2-mm dia. min.)
F: 65 mm (2-mm dia. min.)
V: 20 mm (2-mm dia. min.)
T: 0.2-mm dia.
H: 0.4-mm dia.
A: 0.3-mm dia.
F: 0.3-mm dia.
V: 0.3-mm dia.
4-head;
4-point sensing
E32-T51
M4 screw
T: 300 mm (1.5-mm dia. min.)
H: 400 mm (1.5-mm dia. min.)
A: 200 mm (1.5-mm dia. min.)
F: 80 mm (1.5-mm dia. min.)
V: 20 mm (1.5-mm dia. min.)
T: 0.4-mm dia.
H: 1.0-mm dia.
A: 1.0-mm dia.
F: 1.0-mm dia.
V: 1.0-mm dia.
Heat-resistant;
resists 150
°C
E32-T61
M4 screw
****
T: 180 mm (2,000 mm**) (1.0-mm dia. min.)
H: 300 mm (3,000 mm**) (1.0-mm dia. min.)
A: 150 mm (1,500 mm**) (1.0-mm dia. min.)
F: 60 mm (450 mm) (1.0-mm dia. min.)
V: 18 mm (130 mm**) (1.0-mm dia. min.)
T: 0.2-mm dia.
H: 0.3-mm dia.
A: 0.2-mm dia.
F: 0.5-mm dia.
V: 0.5-mm dia.
Heat-resistant;
resists 300
°C
*Standard object: opaque; **For the E39-F1.; ***Sensing distances for slit applications are in the following table.
****Not trimmable
*****Teflon is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com