Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # E39-R3
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 46Page - Omron Electronics LLC E39-R3 Datasheet HTML 47Page - Omron Electronics LLC E39-R3 Datasheet HTML 48Page - Omron Electronics LLC E39-R3 Datasheet HTML 49Page - Omron Electronics LLC E39-R3 Datasheet HTML 50Page - Omron Electronics LLC E39-R3 Datasheet HTML 51Page - Omron Electronics LLC E39-R3 Datasheet HTML 52Page - Omron Electronics LLC E39-R3 Datasheet HTML 53Page - Omron Electronics LLC E39-R3 Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
E3X
E3X
7
E32-D51
E32-D61
Note:
Section A resists 300
°C and section B (which is inserted to the Amplifier) resists 110°C. The operat-
ing temperature of section B must also be within the withstand temperature range of the Amplifier.
Two, 1.5 dia.
3.1
10
4.9
Two toothed washers
Two hexagon clamping nuts
Sensing head,M6 x 0.75*
Optical fiber, 2.2 dia.
2,000
17
13
2.4
3
E32-D73
Note:
Section A resists 400
°C, section B resists 300°C, and section C (which is inserted to the Amplifier)
resists 110
°C. The operating temperature of section C must also be within the withstand temperature
range of the Amplifier.
10
1.4 dia.
M4 x 0.7
3.5 dia.
5 dia.
SUS304
33
20
2
2.4
5
2,000
16.5
(See note)
13
A
B
6.5
5
Two hexagon clamping nuts
Two toothed washers
Sensing head (SUS303)
M3 x 0.75
SUS flexible tube
Hexagon clamping screw
Sleeve
6.4
8
15
1.0 dia.
7
55
2.4
5
20
2,000
(See note)
13
A
C
6.5
SUS303
Two hexagon clamping nuts
Two toothed washers
Sensing head
1.25 dia.
SUS flexible tube
Hexagon clamping screw
Sleeve
1.65 dia.
2.5 dia.
4 dia.
2.8 dia.
5 dia.
M4 x 0.7 (SUS303)
6.4
15
Lens
(PMMA)
Silicone tube
Optical fibers, two, 1 dia.
Two fiber attachments (E39-F9)
Sensing head
Two hexagon clamping nuts
Two washers
M6 x 0.75
17.8
2.2
10
3
2.8
11
10
E32-R21
E32-R16
10
7.2
21.5
Lens (PMMA)
21
1
Nameplate
15
7
1.5
3.2
4
1.5
(6)
3.2
13
22.5
Mounting bracket (attachment)
Two, M3 screws (attachment)
Optical fiber, two, 2.2 dia.
Standard length: 2 m
Note:
Resistant temperature is 150
°C.
Resistant temperature is 130
°C
when used continuously.
*nickel-plated brass
60
10
B
8
16.5
25
5 dia.
27.8
14
2,000
27
16
8
16+0.2
17
15.2
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com